Electronic Components Datasheet Search |
|
SM2325-53LD Datasheet(PDF) 1 Page - Stealth Microwave, Inc. |
|
SM2325-53LD Datasheet(HTML) 1 Page - Stealth Microwave, Inc. |
1 / 2 page 1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 ♦ Fax: (609) 538-8587 Email: sales@stealthmicrowave.com ♦ Web site: www.stealthmicrowave.com Model SM2325-53LD 2300-2500 MHz 200 Watt Peak Power Amplifier * Module optimized in 100 MHz bands per customer requirements **Adjustable per customer requirements Parameter Specification Frequency Range 2300-2500 MHz RF Power @ 1dB compression point 53dBm Linear Gain 60 dB ± 1 dB** Gain Flatness over Full Band ± .5 dB Input VSWR -14 dB Output VSWR -18 dB DC Input Voltage + 28 Volts DC Current Operating 20 Amperes @ +53dBm (max.) Mechanical Dimensions Without Heatsink 8.0 x 4.0 x .8 inches RF Connectors SMA Female Operating Temperature -30o C to +85o C Operating Humidity 95% Non-condensing Operating Altitude Up to 10,000 feet above Sea Level The SM2325-53LD is a 2300-2500 MHz* LDMOS amplifier designed for multiple wireless communications and RF heating applications in medical devices. Features • Mis-Match Protected • Single Power Supply • Temperature Compensation Options • Forward/Reverse Power Detection • Logic On/Off Control • Heatsink Configurations • Module • 19” Rack |
Similar Part No. - SM2325-53LD |
|
Similar Description - SM2325-53LD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |