Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2325-53LD2 Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

Part # SM2325-53LD2
Description  2300-2500 MHz 200 Watt Peak Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2325-53LD2 Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM2325-53LD2 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2325-53LD2 Datasheet HTML 2Page - Stealth Microwave, Inc. SM2325-53LD2 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-53LD2
2300-2500 MHz
200 Watt Peak Power Amplifier
17W2 D-Sub Control/Monitoring Connector Pin Assignments
Pin
Parameter
Function
A1
+28VDC
27V Min / 29V Max
A2
GND
--
1
Unused
--
2
TTL ON/OFF
+5V = ON / 0V = OFF
3
Thermal Trip Reset
If PA has shut down due to over temp
condition, PA will not be able to be
turned on (even if it has cooled down
below 80
oC) until +5V applied to pin
4
Thermal Trip Alarm
+5VDC output appears on pin if PA
baseplate has exceeds 80
oC. PA will
automatically shut down at this point
5
Temperature Sensor
Temp in
oC = (Voltage x 100) - 50
Example: 0.95 V on pin = 45 degC
6-9
Unused
--
10
Attenuator Control
+5V on pin = max. attenuation
20 dBr typical / 22 dBr max.
11-14
Unused
--
15
GND
--


Similar Part No. - SM2325-53LD2

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2325-53LD STEALTH_MICROWAVE-SM2325-53LD Datasheet
98Kb / 2P
   2300-2500 MHz 200 Watt Peak Power Amplifier
More results

Similar Description - SM2325-53LD2

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2325-53LD STEALTH_MICROWAVE-SM2325-53LD Datasheet
98Kb / 2P
   2300-2500 MHz 200 Watt Peak Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2325-50L STEALTH_MICROWAVE-SM2325-50L Datasheet
121Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
SM2325-37HS STEALTH_MICROWAVE-SM2325-37HS Datasheet
97Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2325-44L STEALTH_MICROWAVE-SM2325-44L Datasheet
81Kb / 2P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com