Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5411WI-10 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5411WI-10
Description  Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5411WI-10 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5411WI-10 Datasheet HTML 1Page - ON Semiconductor CAT5411WI-10 Datasheet HTML 2Page - ON Semiconductor CAT5411WI-10 Datasheet HTML 3Page - ON Semiconductor CAT5411WI-10 Datasheet HTML 4Page - ON Semiconductor CAT5411WI-10 Datasheet HTML 5Page - ON Semiconductor CAT5411WI-10 Datasheet HTML 6Page - ON Semiconductor CAT5411WI-10 Datasheet HTML 7Page - ON Semiconductor CAT5411WI-10 Datasheet HTML 8Page - ON Semiconductor CAT5411WI-10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT5411
© 2008 SCILLC. All rights reserved.
5
Doc. No. MD-2114 Rev. K
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC
Power Supply Current
fSCK = 2MHz, SO
Open Inputs = GND
1
mA
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC; SO Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V) IOL = 3 mA
0.4
V
PIN CAPACITANCE
(1)
Applicable over recommended operating range from TA = 25˚C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
Symbol
Test Conditions
Min
Typ
Max
Units
Conditions
COUT
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
Input Capacitance ( CS
¯¯¯, SCK, SI, WP
¯¯¯, HOLD
¯¯¯¯¯)
6
pF
VIN = 0V
POWER UP TIMING
(1)
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
tPUR
(2)
Power-up to Read Operation
1
ms
tPUW
(2)
Power-up to Write Operation
1
ms
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


Similar Part No. - CAT5411WI-10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411WI-10 CATALYST-CAT5411WI-10 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5411WI-10 CATALYST-CAT5411WI-10 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411WI-10-T1 CATALYST-CAT5411WI-10-T1 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411WI-10-T1 ONSEMI-CAT5411WI-10-T1 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
CAT5411WI-10-T1 ONSEMI-CAT5411WI-10-T1 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
More results

Similar Description - CAT5411WI-10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com