Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5419WI-50 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT5419WI-50
Description  Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5419WI-50 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT5419WI-50 Datasheet HTML 4Page - ON Semiconductor CAT5419WI-50 Datasheet HTML 5Page - ON Semiconductor CAT5419WI-50 Datasheet HTML 6Page - ON Semiconductor CAT5419WI-50 Datasheet HTML 7Page - ON Semiconductor CAT5419WI-50 Datasheet HTML 8Page - ON Semiconductor CAT5419WI-50 Datasheet HTML 9Page - ON Semiconductor CAT5419WI-50 Datasheet HTML 10Page - ON Semiconductor CAT5419WI-50 Datasheet HTML 11Page - ON Semiconductor CAT5419WI-50 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT5419
Doc. No. MD-2115 Rev. I
8
2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
INSTRUCTIONS AND REGISTER
DESCRIPTION
INSTRUCTIONS
Slave Address Byte
The first byte sent to the CAT5419 from the master/
processor is called the Slave/DPP Address Byte. The
most significant four bits of the slave address are a
device type identifier. These bits for the CAT5419 are
fixed at 0101[B] (refer to Table 1).
The next four bits, A3 - A0, are the internal slave
address and must match the physical device address
which is defined by the state of the A3 - A0 input pins
for
the
CAT5419
to
successfully
continue
the
command sequence. Only the device which slave
address matches the incoming device address sent by
the master executes the instruction. The A3 - A0
inputs can be actively driven by CMOS input signals
or tied to VCC or VSS.
Instruction Byte
The next byte sent to the CAT5419 contains the
instruction and register pointer information. The four
most significant bits used provide the instruction
opcode I [3:0]. The R1 and R0 bits point to one of the
four data registers of each associated potentiometer.
The least two significant bits point to one of two Wiper
Control Registers. The format is shown in Table 2.
Data Register Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0101
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
R1
R0
0
P0
(MSB)
(LSB)
WCR/Pot Selection
Instruction
Opcode
Data Register
Selection


Similar Part No. - CAT5419WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5419WI-50 CATALYST-CAT5419WI-50 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419WI-50-T1 ONSEMI-CAT5419WI-50-T1 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5419WI-50-T1 ONSEMI-CAT5419WI-50-T1 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results

Similar Description - CAT5419WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
logo
Catalyst Semiconductor
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com