Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9532YI-T2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT9532YI-T2
Description  16-bit Programmable LED Dimmer with I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9532YI-T2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT9532YI-T2 Datasheet HTML 1Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 2Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 3Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 4Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 5Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 6Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 7Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 8Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CAT9532
© 2008 SCILLC. All rights reserved
5
Doc. No. MD-9001 Rev. D
Characteristics subject to change without notice
A.C. CHARACTERISTICS
VCC = 2.3V to 5.5V, TA = -40ºC to +85ºC, unless otherwise specified
(1)
Standard I
2C
Fast I
2C
Symbol
Parameter
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
µs
tLOW
Low Period of SCL Clock
4.7
1.3
µs
tHIGH
High Period of SCL Clock
4
0.6
µs
tSU:STA
START Condition Setup Time
4.7
0.6
µs
tHD:DAT
Data In Hold Time
0
0
µs
tSU:DAT
Data In Setup Time
250
100
ns
tR
(2)
SDA and SCL Rise Time
1000
300
ns
tF
(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
µs
tBUF
(2)
Bus Free Time Between STOP and START
4.7
1.3
µs
tAA
SCL Low to Data Out Valid
3.5
0.9
µs
tDH
Data Out Hold Time
100
50
ns
Ti
(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
Symbol
Parameter
Min
Max
Units
Port Timing
tPV
Output Data Valid
200
ns
tPS
Input Data Setup Time
100
ns
tPH
Input Data Hold Time
1
µs
Reset
tW
(2)
Reset Pulse Width
10
ns
tREC
Reset Recovery Time
0
ns
tRESET
(3)
Time to Reset
400
ns
Notes:
(1) Test conditions according to "AC Test Conditions" table.
(2) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(3) The full delay to reset the part will be the sum of tRESET and the RC time constant of the SDA line.


Similar Part No. - CAT9532YI-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9532YI-T2 ONSEMI-CAT9532YI-T2 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532YI-T2 ONSEMI-CAT9532YI-T2 Datasheet
203Kb / 14P
   16-bit Programmable LED Dimmer
October, 2016 ??Rev. 5
More results

Similar Description - CAT9532YI-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
logo
NXP Semiconductors
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
   16-bit I2C LED dimmer
Rev. 04-17 March 2009
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532_16 Datasheet
203Kb / 14P
   16-bit Programmable LED Dimmer
October, 2016 ??Rev. 5
logo
NXP Semiconductors
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
   2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
   4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com