Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9552YI Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT9552YI
Description  16-Channel I2C-bus LED Driver with Programmable Blink Rate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9552YI Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT9552YI Datasheet HTML 3Page - ON Semiconductor CAT9552YI Datasheet HTML 4Page - ON Semiconductor CAT9552YI Datasheet HTML 5Page - ON Semiconductor CAT9552YI Datasheet HTML 6Page - ON Semiconductor CAT9552YI Datasheet HTML 7Page - ON Semiconductor CAT9552YI Datasheet HTML 8Page - ON Semiconductor CAT9552YI Datasheet HTML 9Page - ON Semiconductor CAT9552YI Datasheet HTML 10Page - ON Semiconductor CAT9552YI Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CAT9552
© 2008 SCILLC. All rights reserved
7
Doc. No. MD-9005 Rev B
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT9552 is a 16-channel I/O bus expander that
provides a pair of programmable LED blinkers,
controlled through an I
2C compatible serial interface.
CAT9552 supports the I
2C Bus data transmission
protocol. This Inter-Integrated Circuit Bus protocol
defines any device that sends data to the bus to be a
transmitter and any device receiving data to be a
receiver. The transfer is controlled by the Master
device which generates the serial clock and all
START and STOP conditions for bus access. The
CAT9552 operates as a Slave device. Both the
Master device and Slave device can operate as either
transmitter or receiver, but the Master device controls
which mode is activated.
I
2C Bus Protocol
The features of the I
2C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus
is not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is
high will be interpreted as a START or STOP
condition (Figure 2).
START and STOP Conditions
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT9552 monitors the
SDA and SCL lines and will not respond until this
condition is met.
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must
end with a STOP condition.
Device Addressing
After the bus Master sends a START condition, a
slave address byte is required to enable the CAT9552
for a read or write operation. The four most significant
bits of the slave address are fixed as binary 1100
(Figure 3). The CAT9552 uses the next three bits as
address bits.
The address bits A2, A1 and A0 are used to select
which device is accessed from maximum eight
devices on the same bus. These bits must compare to
their hardwired input pins. The 8th bit following the 7-
bit slave address is the R/W bit that specifies whether
a read or write operation is to be performed. When
this bit is set to “1”, a read operation is initiated, and
when set to “0”, a write operation is selected.
Following the START condition and the slave address
byte, the CAT9552 monitors the bus and responds
with an acknowledge (on the SDA line) when its
address matches the transmitted slave address. The
CAT9552 then performs a read or a write operation
depending
on
the
state
of
the
R/W
bit.
Figure 2. Start/Stop Timing
Figure 3. CAT9552 Slave Address
START CONDITION
SDA
STOP CONDITION
SCL
1
1
0
0
A2
A1
A0
R/W
SLAVE ADDRESS
FIXED
PROGRAMMABLE
HARDWARE
SELECTABLE


Similar Part No. - CAT9552YI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552YI ONSEMI-CAT9552YI Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
CAT9552YI-T2 ONSEMI-CAT9552YI-T2 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
More results

Similar Description - CAT9552YI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552 ONSEMI-CAT9552 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
logo
NXP Semiconductors
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
   16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
   4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
   2-bit I2C LED driver with programmable blink rates
2003 May 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com