Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9554YI-G Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT9554YI-G
Description  8-bit I짼C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9554YI-G Datasheet(HTML) 2 Page - ON Semiconductor

  CAT9554YI-G Datasheet HTML 1Page - ON Semiconductor CAT9554YI-G Datasheet HTML 2Page - ON Semiconductor CAT9554YI-G Datasheet HTML 3Page - ON Semiconductor CAT9554YI-G Datasheet HTML 4Page - ON Semiconductor CAT9554YI-G Datasheet HTML 5Page - ON Semiconductor CAT9554YI-G Datasheet HTML 6Page - ON Semiconductor CAT9554YI-G Datasheet HTML 7Page - ON Semiconductor CAT9554YI-G Datasheet HTML 8Page - ON Semiconductor CAT9554YI-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT9554, CAT9554A
Doc. No. MD-9002 Rev. F
2
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
PIN CONFIGURATION
SOIC (W), TSSOP (Y)
TQFN 4 x 4mm (HV4)
(Top View)
A0
VCC
A1
SDA
A2
SCL
I/O0
INT
I/O1
I/O7
I/O2
I/O6
I/O3
I/O5
VSS I/O4
1
2
3
4
13
14
15
16
8
7
6
5
12
10
9
11
PIN DESCRIPTION
SOIC / TSSOP
TQFN
Pin Name
Function
1
15
A0
Address Input 0
2
16
A1
Address Input 1
3
1
A2
Address Input 2
4-7
2-5
I/O0-3
Input/Output Port 0 to Input/Output Port 3
8
6
VSS
Ground
9-12
7-10
I/O4-7
Input/Output Port 4 to Input/Output Port 7
13
11
INT
¯¯¯
Interrupt Output (open drain)
14
12
SCL
Serial Clock
15
13
SDA
Serial Data
16
14
VCC
Power Supply
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
VCC with Respect to Ground
-0.5 to +6.5
V
Voltage on Any Pin with Respect to Ground
-0.5 to +5.5
V
DC Current on I/O0 to I/O7
±50
mA
DC Input Current
±20
mA
VCC Supply Current
85
mA
VSS Supply Current
100
mA
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Junction Temperature
+150
ºC
Storage Temperature
-65 to +150
ºC
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Units
VZAP
(2)
ESD Susceptibility
JEDEC Standard JESD 22
2000
Volts
ILTH
(2)(3)
Latch-up
JEDEC Standard 17
100
mA
Notes:
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2)
This parameter is tested initially and after a design or process change that affects the parameter.
(3)
Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC +1V.
116
A0
VCC
215
A1
SDA
314
A2
SCL
413
I/O0
INT
512
I/O1
I/O7
611
I/O2
I/O6
710
I/O3
I/O5
89
VSS
I/O4


Similar Part No. - CAT9554YI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9554YI-G ONSEMI-CAT9554YI-G Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9554YI-G ONSEMI-CAT9554YI-G Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
CAT9554YI-GT2 ONSEMI-CAT9554YI-GT2 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9554YI-GT2 ONSEMI-CAT9554YI-GT2 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results

Similar Description - CAT9554YI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com