Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9555WI Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT9555WI
Description  16-bit I짼C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555WI Datasheet(HTML) 1 Page - ON Semiconductor

  CAT9555WI Datasheet HTML 1Page - ON Semiconductor CAT9555WI Datasheet HTML 2Page - ON Semiconductor CAT9555WI Datasheet HTML 3Page - ON Semiconductor CAT9555WI Datasheet HTML 4Page - ON Semiconductor CAT9555WI Datasheet HTML 5Page - ON Semiconductor CAT9555WI Datasheet HTML 6Page - ON Semiconductor CAT9555WI Datasheet HTML 7Page - ON Semiconductor CAT9555WI Datasheet HTML 8Page - ON Semiconductor CAT9555WI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CAT9555
© 2008 SCILLC. All rights reserved
1
Doc. No. MD-9003, Rev. I
Characteristics subject to change without notice
16-bit I²C and SMBus I/O Port with Interrupt
FEATURES
400kHz I²C bus compatible
2.3V to 5.5V operation
Low stand-by current
5V tolerant I/Os
16 I/O pins that default to inputs at power-up
High drive capability
Individual I/O configuration
Polarity inversion register
Active low interrupt output
Internal power-on reset
No glitch on power-up
Noise filter on SDA/SCL inputs
Cascadable up to 8 devices
Industrial temperature range
RoHS-compliant 24-lead SOIC and TSSOP, and
24-pad TQFN (4 x 4mm) packages
APPLICATIONS
White goods (dishwashers, washing machines)
Handheld devices (cell phones, PDAs, digital
cameras)
Data Communications (routers, hubs and servers)
DESCRIPTION
The CAT9555 is a CMOS device that provides 16-bit
parallel input/output port expansion for I²C and SMBus
compatible applications. These I/O expanders provide
a simple solution in applications where additional I/Os
are
needed:
sensors,
power
switches,
LEDs,
pushbuttons, and fans.
The CAT9555 consists of two 8-bit Configuration ports
(input or output), Input, Output and Polarity inversion
registers, and an I²C/SMBus-compatible serial interface.
Any of the sixteen I/Os can be configured as an input
or output by writing to the configuration register. The
system master can invert the CAT9555 input data by
writing to the active-high polarity inversion register.
The CAT9555 features an active low interrupt output
which indicates to the system master that an input
state has changed.
The three address input pins provide the device's
extended addressing capability and allow up to eight
devices to share the same bus. The fixed part of the
I²C slave address is the same as the CAT9554,
allowing up to eight of these devices in any
combination to be connected on the same bus.
For Ordering Information details, see page 16.
BLOCK DIAGRAM
(1)
Notes:
(1)
All I/Os are set to inputs at RESET
VINT
INT
8-BIT
WRITE pulse
READ pulse
LP FILTER
POWER-ON
RESET
INPUT
FILTER
I2C/SMBUS
CONTROL
A0
A1
A2
SDA
SCL
VCC
VSS
INPUT/
OUTPUT
PORTS
I/O1.0
I/O1.1
I/O1.2
I/O1.3
I/O1.4
I/O1.5
I/O1.6
I/O1.7
8-BIT
WRITE pulse
READ pulse
INPUT/
OUTPUT
PORTS
I/O0.0
I/O0.1
I/O0.2
I/O0.3
I/O0.4
I/O0.5
I/O0.6
I/O0.7


Similar Part No. - CAT9555WI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555WI CATALYST-CAT9555WI Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555WI ONSEMI-CAT9555WI Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
Catalyst Semiconductor
CAT9555WI-T1 CATALYST-CAT9555WI-T1 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
CAT9555WI-T1 CATALYST-CAT9555WI-T1 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
More results

Similar Description - CAT9555WI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com