Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9555WI-T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT9555WI-T1
Description  16-bit I짼C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555WI-T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT9555WI-T1 Datasheet HTML 4Page - ON Semiconductor CAT9555WI-T1 Datasheet HTML 5Page - ON Semiconductor CAT9555WI-T1 Datasheet HTML 6Page - ON Semiconductor CAT9555WI-T1 Datasheet HTML 7Page - ON Semiconductor CAT9555WI-T1 Datasheet HTML 8Page - ON Semiconductor CAT9555WI-T1 Datasheet HTML 9Page - ON Semiconductor CAT9555WI-T1 Datasheet HTML 10Page - ON Semiconductor CAT9555WI-T1 Datasheet HTML 11Page - ON Semiconductor CAT9555WI-T1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CAT9555
Doc. No. MD-9003 Rev. I
8
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
INT
¯¯¯: Interrupt Output
The open-drain interrupt output is activated when one of
the port pins configured as an input changes state
(differs from the corresponding input port register bit
state). The interrupt is deactivated when the input returns
to its previous state or the input port register is read.
Since there are two 8-bit ports that are read
independently, the interrupt caused by Port 0 will not
be cleared by a read of Port 1, or vice versa.
Changing an I/O from an output to an input may cause
a false interrupt if the state of the pin does not match
the contents of the input port register.
Figure 4. Simplified Schematic of I/Os
Output Port
Register Data
VCC
I/O Pin
VSS
Input Port
Register Data
To INT
Polarity
Register Data
Polarity
Inversion Register
Write
Polarity
Register
Data from
Shift Register
Read Pulse
Write Pulse
Write
Configuration Pulse
Data from
Shift Register
Data from
Shift Register
Configuration
Register
D
Q
CK
Q
FF
D
Q
CK
Q
FF
DQ
CKQ
LATCH
DQ
CK
Q
FF
Q1
100k
Q2
Output Port
Register
Input Port
Register


Similar Part No. - CAT9555WI-T1

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555WI-T1 CATALYST-CAT9555WI-T1 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
CAT9555WI-T1 CATALYST-CAT9555WI-T1 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555WI-T1 ONSEMI-CAT9555WI-T1 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI-T1 ONSEMI-CAT9555WI-T1 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
More results

Similar Description - CAT9555WI-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com