Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2527-41 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM2527-41
Description  2500-2700 MHz 12 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2527-41 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM2527-41 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2527-41 Datasheet HTML 2Page - Stealth Microwave, Inc. SM2527-41 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2527-41
2500-2700 MHz
12 Watt Linear Power Amplifier
FOR MMDS APPLICATIONS
Parameter
Specification
Frequency Range
2.5 - 2.7 GHz
Pout (P1dB)
+ 41 dBm
Third Order Intercept
Point
+ 52 dBm
Linear Gain
55 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return
Loss
-16 dB /-18 dB
DC Input Voltage
+ 12 Volts
DC Input Current, typ.
4.3 Amperes
Level Control
(Optional)
20 dB (min.)
Mechanical Dimensions
7.5 x 4.0 x 2.0 in.
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM2527-41 is a 2.5 to 2.7 GHz solid
state GaAs FET amplifier designed for the
Multichannel
Multipoint
Distribution
System (MMDS) market. By using the
latest surface mount technologies, this small
amplifier can easily fit into tightly packed
transmitters
and
repeaters.
The
output
power (P1dB) is +41 dBm, the OIP3 is +52
dBm, and the linear gain is 55 dB. The unit
is available in modular form (standard), or
as a rack mountable amplifier.
Features
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• 19” Rack


Similar Part No. - SM2527-41

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2527-41L STEALTH_MICROWAVE-SM2527-41L Datasheet
85Kb / 2P
   2500-2700 MHz 12 Watt Ultra Linear Power Amplifier
More results

Similar Description - SM2527-41

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2527-41L STEALTH_MICROWAVE-SM2527-41L Datasheet
85Kb / 2P
   2500-2700 MHz 12 Watt Ultra Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-44 STEALTH_MICROWAVE-SM2527-44 Datasheet
54Kb / 2P
   2500-2700 MHz 25 Watt Linear Power Amplifier
SM2527-44L STEALTH_MICROWAVE-SM2527-44L Datasheet
162Kb / 3P
   2500-2700 MHz 25 Watt Ultra Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com