Electronic Components Datasheet Search |
|
CAT9555YI Datasheet(PDF) 4 Page - ON Semiconductor |
|
CAT9555YI Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 17 page CAT9555 Doc. No. MD-9003 Rev. I 4 © 2008 SCILLC. All rights reserved Characteristics subject to change without notice D.C. OPERATING CHARACTERISTICS VCC = 2.3V to 5.5V; VSS = 0V; TA = -40°C to +85°C, unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Supplies VCC Supply voltage 2.3 — 5.5 V ICC Supply current Operating mode; VCC = 5.5V; no load; fSCL = 100kHz — 135 200 µA Istbl Standby current Standby mode; VCC = 5.5V; no load; VI = VSS; fSCL = 0kHz; I/O = inputs — 1.1 1.5 mA Istbh Standby current Standby mode; VCC = 5.5V; no load; VI = VCC; fSCL = 0kHz; I/O = inputs — 0.75 1 µA VPOR Power-on reset voltage No load; VI = VCC or VSS — 1.5 1.65 V SCL, SDA, INT ¯¯¯ VIL (1) Low level input voltage -0.5 — 0.3 x VCC V VIH (1) High level input voltage 0.7 x VCC — 5.5 V IOL Low level output current VOL = 0.4V 3 — — mA IL Leakage current VI = VCC = VSS 1– — +1 µA CI (2) Input capacitance VI = VSS — — 6 pF CO (2) Output capacitance VO = VSS — — 8 pF A0, A1, A2 VIL (1) Low level input voltage -0.5 — 0.3 x VCC V VIH (1) High level input voltage 0.7 x VCC — 5.5 V ILI Input leakage current -1 — 1 µA I/Os VIL Low level input voltage -0.5 — 0.3 x VCC V VIH High level input voltage 0.7 x VCC — 5.5 V VOL = 0.5V; VCC = 2..3V to 5.5V (3) 8 8 to 20 — mA IOL Low level output current VOL = 0.7V; VCC = 2.3V to 5.5V (3) 10 10 to 24 — mA IOH = -8 mA; VCC = 2.3V (4) 1.8 — — V IOH = -10 mA; VCC = 2.3V (4) 1.7 — — V IOH = -8 mA; VCC = 3.0V (4) 2.6 — — V IOH = -10 mA; VCC = 3.0V (4) 2.5 — — V IOH = -8 mA; VCC = 4.75V (4) 4.1 — — V VOH High level output voltage IOH = -10mA; VCC = 4.75V (4) 4.0 — — V IIH Input leakage current VCC = 3.6V; VI = VCC — — 1 µA IIL Input leakage current VCC = 5.5V; VI = VSS — — -100 µA CI (2) Input capacitance — — 5 pF CO (2) Output capacitance — — 8 pF Notes: (1) VIL min and VIH max are reference values only and are not tested. (2) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. (3) Each I/Os must be externally limited to a maximum of 25mA and each octal (I/O0.0 to I/O0.7 and I/O1.0 to I/O1.7) must be limited to a maximum current of 100mA for a device total of 200mA. (4) The total current sourced by all I/Os must be limited to 160mA. |
Similar Part No. - CAT9555YI |
|
Similar Description - CAT9555YI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |