Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT9554AWI-GT2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT9554AWI-GT2
Description  8-bit I짼C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9554AWI-GT2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT9554AWI-GT2 Datasheet HTML 7Page - ON Semiconductor CAT9554AWI-GT2 Datasheet HTML 8Page - ON Semiconductor CAT9554AWI-GT2 Datasheet HTML 9Page - ON Semiconductor CAT9554AWI-GT2 Datasheet HTML 10Page - ON Semiconductor CAT9554AWI-GT2 Datasheet HTML 11Page - ON Semiconductor CAT9554AWI-GT2 Datasheet HTML 12Page - ON Semiconductor CAT9554AWI-GT2 Datasheet HTML 13Page - ON Semiconductor CAT9554AWI-GT2 Datasheet HTML 14Page - ON Semiconductor CAT9554AWI-GT2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT9554, CAT9554A
© 2008 SCILLC. All rights reserved
11
Doc. No. MD-9002, Rev. F
Characteristics subject to change without notice
POWER-ON RESET OPERATION
When the power supply is applied to VCC pin, an
internal
power-on
reset
pulse
holds
the
CAT9554/9554A in a reset state until VCC reaches
VPOR level. At this point, the reset condition is released
and
the
internal
state
machine
and
the
CAT9554/9554A registers are initialized to their
default state.
Figure 11. Read from Register
Figure 12. Read Input Port Register
DATA
S
0
100
A2
A0
0
A
A1
0
1
0
0
A2 A1 A0
A
DATA
A
acknowledge
from master
acknowledge from slave
R/W
slave address
slave address
data from register
COMMAND BYTE
AS
1
acknowledge from slave
acknowledge from slave
R/W
At this moment master-transmitter becomes
master-receiver and slave-receiver
becomes slave-transmitter
NA
no acknowledge
from master
data from register
P
last byte
first byte
12
3
4
5
6
7
8
9
SCL
SDA
READ FROM
PORT
DATA INTO
PORT
S
010
0
A2
A0
1
A
A1
A
DATA 4
NA
P
no acknowledge
from master
acknowledge
from master
acknowledge
from slave
R/W
slave address
data from port
start condition
stop
condition
DATA 2
tPS
tPH
DATA 3
DATA 4
DATA 1
data from port
tIV
tIR
INT
DATA 1


Similar Part No. - CAT9554AWI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9554AWI-GT2 ONSEMI-CAT9554AWI-GT2 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9554AWI-GT2 ONSEMI-CAT9554AWI-GT2 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results

Similar Description - CAT9554AWI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com