Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS7140-01G-XTP Datasheet(PDF) 2 Page - ON Semiconductor

Part # FS7140-01G-XTP
Description  Programmable Phase-Locked Loop Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140-01G-XTP Datasheet(HTML) 2 Page - ON Semiconductor

  FS7140-01G-XTP Datasheet HTML 1Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 2Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 3Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 4Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 5Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 6Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 7Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 8Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FS714x
Figure 2: Device Block Diagram
Table 1: FS7140 Pin Descriptions
Pin
Type
Name
Description
1
DI
SCL
Serial interface clock (requires an external pull-up)
2
DIO
SDA
Serial interface data input/output (requires an external pull-up)
3
DID
ADDR0
Address select bit “0”
4
P
VSS
Ground
5
AI
XIN
Crystal oscillator feedback
6
AO
XOUT
Crystal oscillator drive
7
DID
ADDR1
Address select bit “1”
8
P
VDD
Power supply (+3.3V nominal)
9
AI
IPRG
PECL current drive programming
10
-
n/c
No connection
11
P
VSS
Ground
12
DI
U
REF
Reference frequency input
13
-
n/c
No connection
14
P
VDD
Power supply (+3.3V nominal)
15
DO
CLKP
Clock output
16
DO
CLKN
Inverted clock output
Key: AI: Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-up; DID = Input with Internal Pull-down; DIO = Digital Input/Output;
DI-3 = Three-Level Digital Input; DO = Digital Output; P = Power/Ground; # = Active Low Pin
Rev. 5 | Page 2 of 19 | www.onsemi.com


Similar Part No. - FS7140-01G-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results

Similar Description - FS7140-01G-XTP

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com