Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7815-000-07 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 7815-000-07
Description  Coastal Transponder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

7815-000-07 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  7815-000-07 Datasheet HTML 1Page - Sonardyne sound in depth 7815-000-07 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice - 10/2006
Specifications
Coastal Transponder
Feature
Type 7815-000-07
Depth Rating
500 Metres
Operating Frequency Range
HF (35–50kHz)
Source Level
184-187dB
Receive Sensitivity
105-115dB re 1µPa @1m
Number of Unique Addresses
3609 (Field Programmable)
Switch On
Continuously operating (No On/Off switch)
Battery Life
Alkaline: 18 months
Mechanical Construction
Plastic and Aluminium Alloy (Anodised)
Dimensions (LxDia)
442mm (17.4”) x 63mm (2.4”)
Weight in Air
1.1kg
Weight in Water
0.75kg
Deck Unit
Type 7967-000-02 (Includes transducer and 10 metres of cable)
.


Similar Part No. - 7815-000-07

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7815-044 SONARDYNE-7815-044 Datasheet
86Kb / 2P
   OBC/LRT Deck Unit
More results

Similar Description - 7815-000-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W55MID35 ETC2-W55MID35 Datasheet
327Kb / 10P
   Transponder
logo
Texas Instruments
RI-ACC-SHT3-00 TI1-RI-ACC-SHT3-00 Datasheet
106Kb / 3P
[Old version datasheet]   TRANSPONDER SHEETING
logo
TDK Electronics
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
logo
Pepperl+Fuchs Inc.
IPC03-50P PF-IPC03-50P Datasheet
570Kb / 8P
   RFID Transponder
IPC11-20 PF-IPC11-20 Datasheet
276Kb / 3P
   RFID Transponder
IQC21-10 PF-IQC21-10 Datasheet
364Kb / 3P
   RFID Transponder
IQC21-12.4 PF-IQC21-12.4 Datasheet
441Kb / 4P
   RFID Transponder
IUC72-F152-M-FR2 PF-IUC72-F152-M-FR2 Datasheet
521Kb / 2P
   RFID Transponder
IUC76-28ST-M-FR1 PF-IUC76-28ST-M-FR1 Datasheet
603Kb / 2P
   RFID Transponder
IUC76-34-M-FR2 PF-IUC76-34-M-FR2 Datasheet
846Kb / 2P
   RFID Transponder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com