Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVU04A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVU04A
Description  HEX INVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVU04A Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVU04A Datasheet HTML 1Page - Texas Instruments SN74LVU04A Datasheet HTML 2Page - Texas Instruments SN74LVU04A Datasheet HTML 3Page - Texas Instruments SN74LVU04A Datasheet HTML 4Page - Texas Instruments SN74LVU04A Datasheet HTML 5Page - Texas Instruments SN74LVU04A Datasheet HTML 6Page - Texas Instruments SN74LVU04A Datasheet HTML 7Page - Texas Instruments SN74LVU04A Datasheet HTML 8Page - Texas Instruments SN74LVU04A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN54LVU04A, SN74LVU04A
HEX INVERTERS
SCES130L − MARCH 1998 − REVISED DECEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
SN54LVU04A
SN74LVU04A
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.7
1.7
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.8
VCC × 0.8
V
VIH
High-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.8
VCC × 0.8
V
VCC = 4.5 V to 5.5 V
VCC × 0.8
VCC × 0.8
VCC = 2 V
0.3
0.3
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.2
VCC × 0.2
V
VIL
Low-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.2
VCC × 0.2
V
VCC = 4.5 V to 5.5 V
VCC × 0.2
VCC × 0.2
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
−50
−50
µA
IOH
High-level output current
VCC = 2.3 V to 2.7 V
−2
−2
IOH
High-level output current
VCC = 3 V to 3.6 V
−6
−6
mA
VCC = 4.5 V to 5.5 V
−12
−12
mA
VCC = 2 V
50
50
µA
IOL
Low-level output current
VCC = 2.3 V to 2.7 V
2
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
6
mA
VCC = 4.5 V to 5.5 V
12
12
mA
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LVU04A
SN74LVU04A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −50 µA
2 V to 5.5 V
VCC−0.1
VCC−0.1
VOH
IOH = −2 mA
2.3 V
2
2
V
VOH
IOH = −6 mA
3 V
2.48
2.48
V
IOH = −12 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
VOL
IOL = 2 mA
2.3 V
0.4
0.4
V
VOL
IOL = 6 mA
3 V
0.44
0.44
V
IOL = 12 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 V to 5.5 V
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ci
VI = VCC or GND
3.3 V
4
4
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVU04A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVU04A TI-SN74LVU04A Datasheet
701Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74LVU04A TI-SN74LVU04A Datasheet
673Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74LVU04A TI-SN74LVU04A Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74LVU04A-Q1 TI1-SN74LVU04A-Q1 Datasheet
160Kb / 9P
[Old version datasheet]   HEX INVERTER
SN74LVU04AD TI-SN74LVU04AD Datasheet
701Kb / 16P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74LVU04A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com