Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7967-037 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 7967-037
Description  OBC/LRT Deck Unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

7967-037 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  7967-037 Datasheet HTML 1Page - Sonardyne sound in depth 7967-037 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice - 10/2006
Specifications
OBC/LRT Deck Unit
Feature
Type 7967
Operating Frequency
HF (35-50kHz)
Transmit Source Level (dB re 1µPa @1m)
185dB
Receive Sensitivity (dB re 1µPa)
110dB
Pulse Length
2ms
Timing Resolution
16 ms
Transducer Ports
1
No. Independent Navigation Channels
9
Dimensions (LxWxH)
360mm (14.1”) X 270mm (10.6”) X 155mm (6.1”)
Power Supply
Alkaline Battery
Weight
5kg
Ordering Information
Type 7967-000-02
LRT Surface Control Unit
Type 7967-036
Programming Lead
Type 7967-002
Remote Transducer
Type 7967-037
RS232 Interface Cable
Type 7815-044
Alkaline Battery Pack


Similar Part No. - 7967-037

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7967-000-02 SONARDYNE-7967-000-02 Datasheet
87Kb / 2P
   Lightweight Release Transponder (LRT)
More results

Similar Description - 7967-037

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8063 SONARDYNE-8063 Datasheet
116Kb / 2P
   Deck Test Unit (DTU)
7815 SONARDYNE-7815 Datasheet
112Kb / 2P
   TZ/OBC Transponder
7911 SONARDYNE-7911 Datasheet
142Kb / 2P
   OBC 12 Transceiver
7986 SONARDYNE-7986 Datasheet
87Kb / 2P
   Lightweight Release Transponder (LRT)
logo
Hitachi Semiconductor
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Grayhill, Inc
50M45-01-1-02N GRAYHILL-50M45-01-1-02N Datasheet
582Kb / 7P
   Single Deck Rotary Switches
57HS22-05-1-16N-C GRAYHILL-57HS22-05-1-16N-C Datasheet
152Kb / 4P
   Multi-Deck Rotary Switches
56SDP30-01-2-AJS GRAYHILL-56SDP30-01-2-AJS Datasheet
72Kb / 4P
   Single Deck Rotary Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com