Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8023 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 8023
Description  Fusion USBL Transceivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8023 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  8023 Datasheet HTML 1Page - Sonardyne sound in depth 8023 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice - 04/2008
Specifications
Fusion USBL Transceivers
Feature
Type 8021
Type 8023
Operational Frequency
MF (18-36kHz)
MF (18-36kHz)
Transceiver
Performance
Operating Range
Acoustic Cover
Range Accuracy
Positioning Repeatability
Up to 7,000 Metres
±
90º
Better that 0.2 metres
All transceivers tested to better
than 0.1% of slant range 1 Drms
Up to 7,000 Metres
±
50º Optimised for deep water
Better that 0.2 metres
All transceivers tested to better that 0.1% of
slant range 1 Drms
Electrical
Maximum Power
+48VDC (38V to 50V), can
operate on +24VDC (18V to 30V)
Typical 15W, Max 50W
+48VDC (38V to 50V), can operate on
+24VDC (18V to 30V)
Typical 15W, Max 50W
Communication
RS485, baud rate switchable
RS485, baud rate switchable
Dimensions (LxDia)
456mm (17.95”) x 225mm (8.86”) 487mm (19.16”) x 300mm (11.81”)
Weight in Air
28kg
41kg
Weight in Water
13.5kg
20kg
Options
Tilted Array Adaptor
Tilted Array Adapter
Note
The absolute accuracy of the system is dependent upon the quality of attitude
and heading sensors, beacon source level, vessel noise, water depth,
mechanical rigidity of the transceiver deployment machine and proper
calibration of the total system using CASIUS


Similar Part No. - 8023

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8023 FILTRAN-8023 Datasheet
149Kb / 1P
   T1/E1 Extended Temperature Range SMD Single Transformers
logo
Belden Inc.
8023 BELDEN-8023 Datasheet
152Kb / 2P
   Bus Bar Wire, #26 Sol TC
05-05-2023
logo
Heyco.
8023 HEYCO-8023 Datasheet
179Kb / 1P
   Full Thickness Male Blades
logo
Belden Inc.
8023-000100 BELDEN-8023-000100 Datasheet
152Kb / 2P
   Bus Bar Wire, #26 Sol TC
05-05-2023
8023-0001000 BELDEN-8023-0001000 Datasheet
152Kb / 2P
   Bus Bar Wire, #26 Sol TC
05-05-2023
More results

Similar Description - 8023

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8024 SONARDYNE-8024 Datasheet
135Kb / 2P
   Scout USBL Transceiver
logo
Aries Electronics, Inc.
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
logo
Renesas Technology Corp
9VRS4818B RENESAS-9VRS4818B Datasheet
413Kb / 21P
   FUSION II CLOCK GENERATOR
REV A 062512
logo
Lightel Technologies IN...
CW-200B LIGHTEL-CW-200B Datasheet
381Kb / 2P
   Automatic fusion pulling control
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
logo
Microchip Technology
SSC7102 MICROCHIP-SSC7102 Datasheet
177Kb / 7P
   Bosch Sensor Fusion Firmware Addendum
03/25/14
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
STMicroelectronics
INEMOENGINE_PW8 STMICROELECTRONICS-INEMOENGINE_PW8 Datasheet
1Mb / 6P
   iNEMO Engine Pro Sensor Fusion algorithm
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com