Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2527-47L Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM2527-47L
Description  2500-2700 MHz 50 Watt Linear Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2527-47L Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM2527-47L Datasheet HTML 1Page - Stealth Microwave, Inc. SM2527-47L Datasheet HTML 2Page - Stealth Microwave, Inc. SM2527-47L Datasheet HTML 3Page - Stealth Microwave, Inc. SM2527-47L Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2527-47L
2500-2700 MHz
50 Watt Linear Power Amplifier
FOR BWA APPLICATIONS
Specification
Frequency Range
2.5 - 2.7 GHz
Pout (P1dB)
+ 47 dBm
Third Order Intercept Point
+ 65 dBm
Linear Gain
56 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return Loss
-14 dB /-18 dB
Harmonics @ P1dB
-60dBc (min.)
-65dBc (typ.)
DC Input Voltage
+ 12 Volts
DC Input Current
15 Amps (Varies per
application)
Mechanical Dimensions
(Without Heatsink)
7.5 x 4.0 x .79 inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
Stealth Microwave’s SM2527-47L is a
solid state GaAs FET amplifier designed for
the Broadband Wireless Access market.
Using
a
proprietary
pre-distortion
technique, the OIP3 is improved by 8 dB.
The P1dB is +47 dBm, the linear gain is 56
dB, and the gain change over temperature is
only ± 0.5 dB.
Features
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• Fan
• Logic On/Off Control
• Integral Heatsink
• High Speed Switching for TDD
Configurations
• Module
• 19” Rack Mount Unit
• Bench Top Lab Unit


Similar Part No. - SM2527-47L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
More results

Similar Description - SM2527-47L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-41 STEALTH_MICROWAVE-SM2527-41 Datasheet
173Kb / 3P
   2500-2700 MHz 12 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-44 STEALTH_MICROWAVE-SM2527-44 Datasheet
54Kb / 2P
   2500-2700 MHz 25 Watt Linear Power Amplifier
SM2527-41L STEALTH_MICROWAVE-SM2527-41L Datasheet
85Kb / 2P
   2500-2700 MHz 12 Watt Ultra Linear Power Amplifier
SM2527-44L STEALTH_MICROWAVE-SM2527-44L Datasheet
162Kb / 3P
   2500-2700 MHz 25 Watt Ultra Linear Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com