Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L72M Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB7L72M
Description  Multi?묹evel Inputs w/ Internal Termination
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L72M Datasheet(HTML) 3 Page - ON Semiconductor

  NB7L72M Datasheet HTML 1Page - ON Semiconductor NB7L72M Datasheet HTML 2Page - ON Semiconductor NB7L72M Datasheet HTML 3Page - ON Semiconductor NB7L72M Datasheet HTML 4Page - ON Semiconductor NB7L72M Datasheet HTML 5Page - ON Semiconductor NB7L72M Datasheet HTML 6Page - ON Semiconductor NB7L72M Datasheet HTML 7Page - ON Semiconductor NB7L72M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NB7L72M
http://onsemi.com
3
Table 3. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
Machine Model
> 4 kV
> 200 V
RPU − Input Pullup Resistor
75 kW
Moisture Sensitivity (Note 3)
QFN−16
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
212
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
3. For additional information, see Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
GND = 0 V
4.0
V
VIN
Positive Input Voltage
GND = 0 V
−0.5 to VCC +0.5
V
VINPP
Differential Input Voltage |IN − IN|
1.89
V
IIN
Input Current Through RT (50 W Resistor)
$40
mA
IOUT
Output Current Through RT (50 W Resistor)
$40
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient) (Note 4)
0 lfpm
500 lfpm
QFN−16
QFN−16
42
35
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case) (Note 4)
QFN−16
4
°C/W
Tsol
Wave Solder
Pb−Free
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
4. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Similar Part No. - NB7L72M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L72M ONSEMI-NB7L72M Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB7L72M ONSEMI-NB7L72M Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB7L72MMNG ONSEMI-NB7L72MMNG Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB7L72MMNG ONSEMI-NB7L72MMNG Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB7L72MMNHTBG ONSEMI-NB7L72MMNHTBG Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
More results

Similar Description - NB7L72M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008M ONSEMI-NB7L1008M Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB6VQ572M ONSEMI-NB6VQ572M Datasheet
1Mb / 11P
   Multi?묹evel Inputs w/ Internal Termination
April, 2009 ??Rev. 0
NB7L72M ONSEMI-NB7L72M_13 Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB7VQ14M ONSEMI-NB7VQ14M Datasheet
173Kb / 10P
   Multi?묹evel Inputs Internal Termination
December, 2010 ??Rev. 0
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
   DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
logo
Renesas Technology Corp
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_07 Datasheet
135Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
January, 2007 ??Rev. 2
logo
Exar Corporation
SP339B EXAR-SP339B Datasheet
719Kb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com