Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54S140 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN54S140
Description  DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54S140 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54S140 Datasheet HTML 4Page - Texas Instruments SN54S140 Datasheet HTML 5Page - Texas Instruments SN54S140 Datasheet HTML 6Page - Texas Instruments SN54S140 Datasheet HTML 7Page - Texas Instruments SN54S140 Datasheet HTML 8Page - Texas Instruments SN54S140 Datasheet HTML 9Page - Texas Instruments SN54S140 Datasheet HTML 10Page - Texas Instruments SN54S140 Datasheet HTML 11Page - Texas Instruments SN54S140 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MECHANICAL DATA
MLCC006B – OCTOBER 1996
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FK (S-CQCC-N**)
LEADLESS CERAMIC CHIP CARRIER
4040140 / D 10/96
28 TERMINAL SHOWN
B
0.358
(9,09)
MAX
(11,63)
0.560
(14,22)
0.560
0.458
0.858
(21,8)
1.063
(27,0)
(14,22)
A
NO. OF
MIN
MAX
0.358
0.660
0.761
0.458
0.342
(8,69)
MIN
(11,23)
(16,26)
0.640
0.739
0.442
(9,09)
(11,63)
(16,76)
0.962
1.165
(23,83)
0.938
(28,99)
1.141
(24,43)
(29,59)
(19,32)
(18,78)
**
20
28
52
44
68
84
0.020 (0,51)
TERMINALS
0.080 (2,03)
0.064 (1,63)
(7,80)
0.307
(10,31)
0.406
(12,58)
0.495
(12,58)
0.495
(21,6)
0.850
(26,6)
1.047
0.045 (1,14)
0.045 (1,14)
0.035 (0,89)
0.035 (0,89)
0.010 (0,25)
12
13
14
15
16
18
17
11
10
8
9
7
5
4
3
2
0.020 (0,51)
0.010 (0,25)
6
1
28
26
27
19
21
B SQ
A SQ
22
23
24
25
20
0.055 (1,40)
0.045 (1,14)
0.028 (0,71)
0.022 (0,54)
0.050 (1,27)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a metal lid.
D. The terminals are gold plated.
E. Falls within JEDEC MS-004


Similar Part No. - SN54S140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54S140 TI1-SN54S140 Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
SN54S140J TI1-SN54S140J Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
SN54S140 TI1-SN54S140_14 Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
More results

Similar Description - SN54S140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54S140 TI1-SN54S140_14 Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
logo
Fairchild Semiconductor
DM74S140 FAIRCHILD-DM74S140 Datasheet
35Kb / 3P
   Dual 4-Input NAND 50??Line Driver
logo
NXP Semiconductors
74F3040 PHILIPS-74F3040 Datasheet
71Kb / 8P
   Dual 4-input NAND 30 ohm line driver
1990 Jan 29
logo
Texas Instruments
SN54LV20A TI-SN54LV20A_08 Datasheet
505Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATE
logo
Renesas Technology Corp
HD74LS40 RENESAS-HD74LS40 Datasheet
146Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
IK Semicon Co., Ltd
IN7440 IKSEMICON-IN7440 Datasheet
199Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Texas Instruments
74ACT11020 TI1-74ACT11020 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI1-SN5420_15 Datasheet
951Kb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN54HC20 TI1-SN54HC20_15 Datasheet
1Mb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN5440 TI1-SN5440_14 Datasheet
437Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com