Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6VQ572MMNR4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB6VQ572MMNR4G
Description  Multi?묹evel Inputs w/ Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6VQ572MMNR4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB6VQ572MMNR4G Datasheet HTML 3Page - ON Semiconductor NB6VQ572MMNR4G Datasheet HTML 4Page - ON Semiconductor NB6VQ572MMNR4G Datasheet HTML 5Page - ON Semiconductor NB6VQ572MMNR4G Datasheet HTML 6Page - ON Semiconductor NB6VQ572MMNR4G Datasheet HTML 7Page - ON Semiconductor NB6VQ572MMNR4G Datasheet HTML 8Page - ON Semiconductor NB6VQ572MMNR4G Datasheet HTML 9Page - ON Semiconductor NB6VQ572MMNR4G Datasheet HTML 10Page - ON Semiconductor NB6VQ572MMNR4G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NB6VQ572M
http://onsemi.com
8
Figure 6. Input Structure
Figure 7. Differential Input Driven Single−Ended
Figure 8. Vth Diagram
Figure 9. Differential Inputs Driven Differentially
Figure 10. Differential Inputs Driven Differentially
Figure 11. VCMR Diagram
Figure 12. AC Reference Measurement
VIHD
VILD
VID = |VIHD(IN) − VILD(IN)|
IN
IN
IN
Vth
IN
IN
IN
IN
IN
Q
Q
tPLH
tPHL
VINPP = VIH(IN) − VIL(IN)
VOUTPP = VOH(Q) − VOL(Q)
50 W
50 W
INx
VTx
INx
VCC
VEE
Vthmin
Vthmax
Vth
IN
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
VEE
VCMmin
VCMmax
VCMR
IN
IN
VIHDmax
VILDmax
VID = VIHD − VILD
VIHDtyp
VILDtyp
VIHDmin
VILDmin
Vth
VIH
VIL
Figure 13. SELx to Qx Timing Diagram
tpd
tpd
VCC / 2
VCC / 2
SELx
Qx
Qx
VCC


Similar Part No. - NB6VQ572MMNR4G

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB6 GLENAIR-NB6 Datasheet
58Kb / 1P
   Military Standard Connector Index
logo
Monolithic Power System...
NB621 MPS-NB621 Datasheet
1,000Kb / 14P
   8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB621EV MPS-NB621EV Datasheet
1,000Kb / 14P
   8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
NB634EL MPS-NB634EL Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
More results

Similar Description - NB6VQ572MMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008M ONSEMI-NB7L1008M Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB7L72M ONSEMI-NB7L72M Datasheet
148Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
September, 2008 ??Rev. 1
NB7L72M ONSEMI-NB7L72M_13 Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB7VQ14M ONSEMI-NB7VQ14M Datasheet
173Kb / 10P
   Multi?묹evel Inputs Internal Termination
December, 2010 ??Rev. 0
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
   DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
logo
Renesas Technology Corp
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_07 Datasheet
135Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
January, 2007 ??Rev. 2
logo
Exar Corporation
SP339B EXAR-SP339B Datasheet
719Kb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com