Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L72MMNR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB7L72MMNR2G
Description  Multi?묹evel Inputs w/ Internal Termination
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L72MMNR2G Datasheet(HTML) 6 Page - ON Semiconductor

  NB7L72MMNR2G Datasheet HTML 1Page - ON Semiconductor NB7L72MMNR2G Datasheet HTML 2Page - ON Semiconductor NB7L72MMNR2G Datasheet HTML 3Page - ON Semiconductor NB7L72MMNR2G Datasheet HTML 4Page - ON Semiconductor NB7L72MMNR2G Datasheet HTML 5Page - ON Semiconductor NB7L72MMNR2G Datasheet HTML 6Page - ON Semiconductor NB7L72MMNR2G Datasheet HTML 7Page - ON Semiconductor NB7L72MMNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NB7L72M
http://onsemi.com
6
IN
Vth
IN
Vth
Figure 5. Differential Input Driven
Single−Ended
VIH
VIL
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
Vthmax
Vthmin
GND
Vth
IN
IN
VILDmax
VIHDmax
VIHDtyp
VILDtyp
VIHDmin
VILDmin
VCMR
GND
VID = VIHD − VILD
VCC
IN
IN
Q
Q
tPLH
tPHL
VOUTPP = VOH(Q) − VOL(Q)
VINPP = VIH(IN) − VIL(IN)
VIHD
VILD
VID = |VIHD(IN) − VILD(IN)|
IN
IN
Figure 6. Differential Inputs
Driven Differentially
Figure 7. Vth Diagram
Figure 8. Differential Inputs Driven Differentially
Figure 9. VCMR Diagram
Figure 10. AC Reference Measurement
IN
IN
VCMmax
VCMmin
Figure 11. Typical CML Output Structure and Termination
VCC
50 W
50 W
16 mA
50 W
50 W
VCC (Receiver)
GND
NB7L72M
Receiver
Q
Q


Similar Part No. - NB7L72MMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L72MMNG ONSEMI-NB7L72MMNG Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB7L72MMNG ONSEMI-NB7L72MMNG Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB7L72MMNHTBG ONSEMI-NB7L72MMNHTBG Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB7L72MMNHTBG ONSEMI-NB7L72MMNHTBG Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB7L72MMNTXG ONSEMI-NB7L72MMNTXG Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
More results

Similar Description - NB7L72MMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008M ONSEMI-NB7L1008M Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB6VQ572M ONSEMI-NB6VQ572M Datasheet
1Mb / 11P
   Multi?묹evel Inputs w/ Internal Termination
April, 2009 ??Rev. 0
NB7L72M ONSEMI-NB7L72M_13 Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB7VQ14M ONSEMI-NB7VQ14M Datasheet
173Kb / 10P
   Multi?묹evel Inputs Internal Termination
December, 2010 ??Rev. 0
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
   DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
logo
Renesas Technology Corp
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_07 Datasheet
135Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
January, 2007 ??Rev. 2
logo
Exar Corporation
SP339B EXAR-SP339B Datasheet
719Kb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com