Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBXDDA016 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBXDDA016
Description  Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDDA016 Datasheet(HTML) 1 Page - ON Semiconductor

  NBXDDA016 Datasheet HTML 1Page - ON Semiconductor NBXDDA016 Datasheet HTML 2Page - ON Semiconductor NBXDDA016 Datasheet HTML 3Page - ON Semiconductor NBXDDA016 Datasheet HTML 4Page - ON Semiconductor NBXDDA016 Datasheet HTML 5Page - ON Semiconductor NBXDDA016 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 3
1
Publication Order Number:
NBXDDA016/D
NBXDDA016, NBXDDB016
3.3 V, 133.33 MHz
/137.93 MHz Dual
Frequency CML Clock
Oscillator
The NBXDDB016/NBXDDA016 dual frequency crystal oscillator
(XO) is designed to meet today’s requirements for 3.3 V CML clock
generation applications. The device uses a high Q fundamental crystal
and Phase Lock Loop (PLL) multiplier to provide selectable
133.33 MHz or 137.93 MHz, ultra low jitter and phase noise CML
differential output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1,000. Frequency stability options available as
either 50 PPM NBXDDB016 or 20 PPM NBXDDA016.
Features
CML Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.4 ps (12 kHz − 20 MHz)
Selectable Output Frequency − 133.33 MHz (default)/137.93 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability − ±20 PPM or ±50 PPM
Applications
High−End Servers
Basestation
General Purpose Clock Generation and Margining
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
FSEL
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXDDB016LN1TAG* CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING DIAGRAMS
NBXDDA016 = NBXDDA016 (±50 PPM)
NBXDDB016 = NBXDDB016 (±20 PPM)
133.33/137.93 = Output Frequency (MHz)
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXDDB016
133.33/137.93
AWLYYWWG
NBXDDA016LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
NBXDDA016
133.33/137.93
AWLYYWWG
* Please contact sales office for availability
NBXDDA016LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel


Similar Part No. - NBXDDA016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXDBA009 ONSEMI-NBXDBA009 Datasheet
193Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 1
NBXDBA009LN1TAG ONSEMI-NBXDBA009LN1TAG Datasheet
193Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 1
NBXDBA009LNHTAG ONSEMI-NBXDBA009LNHTAG Datasheet
193Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 1
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
185Kb / 6P
   3.3 V, 106.25 MHz / 212.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 5
More results

Similar Description - NBXDDA016

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com