Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1607BDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1607BDR2G
Description  Cost Effective Power Factor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1607BDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1607BDR2G Datasheet HTML 1Page - ON Semiconductor NCP1607BDR2G Datasheet HTML 2Page - ON Semiconductor NCP1607BDR2G Datasheet HTML 3Page - ON Semiconductor NCP1607BDR2G Datasheet HTML 4Page - ON Semiconductor NCP1607BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1607BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1607BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1607BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1607BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2009
April, 2009 − Rev. 1
1
Publication Order Number:
NCP1607/D
NCP1607
Cost Effective Power Factor
Controller
The NCP1607 is an active power factor controller specifically
designed for use as a pre−converter in ac−dc adapters, electronic
ballasts, and other medium power off line converters (typically up to
250 W). It utilizes Critical Conduction Mode (CRM) to ensure unity
power factor across a wide range of input voltages and power levels.
The NCP1607 minimizes the number of external components. The
integration of comprehensive safety protection features makes it an
excellent choice for designing robust PFC stages. It is available in a
SOIC−8 package.
General Features
“Unity” Power Factor
No Need for Input Voltage Sensing
Latching PWM for Cycle by Cycle On Time Control (Voltage Mode)
High Precision Voltage Reference (±1.6% over the Temperature
Range)
Very Low Startup Current Consumption (≤ 40 mA)
Low Typical Operating Current (2.1 mA)
Source 500 mA / Sink 800 mA Totem Pole Gate Driver
Undervoltage Lockout with Hysteresis
Pin to Pin Compatible with Industry Standards
This is a Pb−Free Device
This Device uses Halogen−Free Molding Compound
Safety Features
Programmable Overvoltage Protection
Open Feedback Loop Protection
Accurate and Programmable On Time Control
Accurate Overcurrent Detector
Typical Applications
AC−DC Adapters, TVs, Monitors
Off Line Appliances Requiring Power Factor Correction
Electronic Light Ballast
Figure 1. Typical Application
+
AC Line
EMI
Filter
1
4
3
2
8
5
6
7
+
CBULK
LOAD
(Ballast,
SMPS, etc.)
NCP1607
VOUT
RS
CIN
RZCD
ROUT1
ROUT2
CCOMP
VCC
CT
DBOOST
LBOOST
FB
Control
Ct
CS
GND
ZCD
DRV
VCC
http://onsemi.com
SO−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
PIN CONNECTION
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1607B
ALYW
G
1
8
FB
Control
Ct
CS
VCC
DRV
GND
ZCD
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NCP1607BDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel


Similar Part No. - NCP1607BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607BDR2G ONSEMI-NCP1607BDR2G Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
More results

Similar Description - NCP1607BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1606 ONSEMI-NCP1606 Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
   Cost Effective LED Controller
logo
ON Semiconductor
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
logo
Diodes Incorporated
AP3105 DIODES-AP3105 Datasheet
336Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
AP3105NA DIODES-AP3105NA Datasheet
347Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
logo
Excelliance MOS Corp.
EM8931 EXCELLIANCE-EM8931 Datasheet
256Kb / 10P
   Cost Effective PWM Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com