Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV3066MNTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV3066MNTXG
Description  Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3066MNTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV3066MNTXG Datasheet HTML 4Page - ON Semiconductor NCV3066MNTXG Datasheet HTML 5Page - ON Semiconductor NCV3066MNTXG Datasheet HTML 6Page - ON Semiconductor NCV3066MNTXG Datasheet HTML 7Page - ON Semiconductor NCV3066MNTXG Datasheet HTML 8Page - ON Semiconductor NCV3066MNTXG Datasheet HTML 9Page - ON Semiconductor NCV3066MNTXG Datasheet HTML 10Page - ON Semiconductor NCV3066MNTXG Datasheet HTML 11Page - ON Semiconductor NCV3066MNTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCP3066, NCV3066
http://onsemi.com
8
Peak Current Sense Comparator
Under normal conditions, the output switch conduction is
initiated by the Voltage Feedback comparator and
terminated by the oscillator. Abnormal operating conditions
occur when the converter output is overloaded or when
feedback voltage sensing is lost. Under these conditions, the
Ipk Current Sense comparator will protect the Darlington
output Switch. The switch current is converted to a voltage
by inserting a fractional ohm resistor, RSense, in series with
VCC and Darlington output switch. The voltage drop across
RSense is monitored by the Current Sense comparator. If the
voltage drop exceeds 200 mV (nom) with respect to VCC, the
comparator will set the latch and terminate the output switch
conduction on a cycle−by−cycle basis.
Real
Vturn−off on
Rs Resistor
t_delay
I1
Io
di/dt slope
I through the
Darlington
Switch
Vipk(sense)
Figure 13. Current Sense Waveform
The VIPK(Sense) Current Limit Sense Voltage threshold is
specified at static conditions. In dynamic operation the
sensed current turn−off value depends on comparator
response time and di/dt current slope.
Real Vturn−off on Rsc resistor
Vturn_off = Vipk(sense) + RSense*(tdelay*di/dt)
Typical Ipk comparator response time tdelay is 350 ns. The
di/dt current slope is dependent on the voltage difference
across the inductor and the value of the inductor. Increasing
the value of the inductor will reduce the di/dt slope.
It is recommended to verify the actual peak current in the
application at worst conditions to be sure that the max peak
current will never get over the 1.5 A Darlington Switch
Current max rating.
Thermal Shutdown
Internal thermal shutdown circuitry is provided to protect
the IC in the event that the maximum junction temperature
is exceeded. When activated, typically at 160
°C, the
Darlington Output Switch is disabled. The temperature
sensing circuit is designed with some hysteresis. The
Darlington Switch is enabled again when the chip
temperature decreases under the low threshold. This feature
is provided to prevent catastrophic failures from accidental
device overheating. It is not intended to be used as a
replacement for proper heatsinking.
Output Switch
The output switch is designed in Darlington
configuration. This allows the application designer to
operate at all conditions at high switching speed and low
voltage drop. The Darlington Output Switch is designed to
switch a maximum of 40 V collector to emitter voltage and
current up to 1.5 A.
ON/OFF Function
The ON/OFF function provides interruption of switching
and puts the circuitry into the low consumption mode. This
feature is applicable for digital dimming of the LEDs as
well. The ON/OFF signal inhibits switching of the regulator
and reduces the average current through the LEDs. The
frequency of this pulse width−modulated signal with the
duty cycle can range from less than 1% to 100% is limited
by the value of 1 kHz.
Pulling this pin below 0.8 V or leaving it opened turns the
regulator off. In this state the consumption of the device is
reduced below 100 uA. Pulling this pin above 2.4 V (up to
max. 25 V) allows the regulator running in normal state. If
the ON/OFF feature is not needed, the ON/OFF pin can be
wired to VCC, provided this voltage does not exceed 25 V.
No Output Capacitor Operation
A traditional buck topology includes an inductor followed
by an output capacitor which filters the ripple. The capacitor
is placed in parallel with the LED or array of LEDs to lower
the ripple current. A constant current buck regulator such as
the NCP3066 focuses on the control of the current through
the load, not the voltage across it. The switching frequency
of the NCP3066 is in the range of 100−250 kHz which is
much higher than the human eye can detect. By configuring
the NCP3066 in a continuous conduction buck
configuration with low peak to peak ripple the output filter
capacitor can be eliminated. The important design
parameter is to keep the peak current below the maximum
current rating of the LED. Using 15−40% peak to peak ripple
results in a good compromise between achieving max
average output current without exceeding the maximum
limit. This saves space and reduces part count for
applications.


Similar Part No. - NCV3066MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3063 ONSEMI-NCV3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063MNTXG ONSEMI-NCV3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063PG ONSEMI-NCV3063PG Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
More results

Similar Description - NCV3066MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3065 ONSEMI-NCP3065 Datasheet
241Kb / 18P
   Up to 1.5 A Constant Current Switching Regulator for LEDs
July, 2007 - Rev. 0
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com