Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS5B1G385DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NS5B1G385DFT2G
Description  Single (NO) Normally Open SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5B1G385DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NS5B1G385DFT2G Datasheet HTML 1Page - ON Semiconductor NS5B1G385DFT2G Datasheet HTML 2Page - ON Semiconductor NS5B1G385DFT2G Datasheet HTML 3Page - ON Semiconductor NS5B1G385DFT2G Datasheet HTML 4Page - ON Semiconductor NS5B1G385DFT2G Datasheet HTML 5Page - ON Semiconductor NS5B1G385DFT2G Datasheet HTML 6Page - ON Semiconductor NS5B1G385DFT2G Datasheet HTML 7Page - ON Semiconductor NS5B1G385DFT2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NS5B1G385
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS
TIMING/FREQUENCY (Typical: T = 25°C, RL = 50 W, CL = 35 pF, f = 1 MHz)
Symbol
Pins
Parameter
Test Conditions
VCC
(V)
−405C to +855C
Unit
Min
Typ
Max
tON
IN to NO
Turn On Time
As Above, Figures 1 and 2
4.5
6.0
ns
tOFF
IN to NO
Turn Off Time
As Above, Figures 1 and 2
4.5
2.0
ns
tPD
NO to COM
Propagation Delay
As Above
4.5
0.5
ns
BW
−3dB Bandwidth
CL = 5 pF, Figures 3 and 4
4.5
330
MHz
CAPACITANCE (Typical: T = 25°C, RL = 50 W, CL = 5 pF, f = 1 MHz)
Symbol
Pins
Parameter
Test Conditions
VCC
(V)
−405C to +855C
Unit
Min
Typ
Max
CIN
IN
Control Input
0 V
2.2
pF
CON
NO to COM
Through Switch
VIN = 0V
4.5 V
12
pF
COFF
NO
Unselected Port
VIS = 4.5 V, VIN = 4.5 V
4.5 V
4.1
pF
DEVICE ORDERING INFORMATION
Device Order Number
Package Type
Tape & Reel Size
NS5B1G385DFT2G
SC−70
(Pb−Free)
3000 / Tape & Reel
NS5B1G385DTT1G
TSOP−5
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NS5B1G385DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5B1G384 ONSEMI-NS5B1G384 Datasheet
144Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
March, 2009 ??Rev. 0
NS5B1G384 ONSEMI-NS5B1G384 Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
NS5B1G384DFT2G ONSEMI-NS5B1G384DFT2G Datasheet
144Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
March, 2009 ??Rev. 0
NS5B1G384DTT1G ONSEMI-NS5B1G384DTT1G Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
More results

Similar Description - NS5B1G385DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
NS5B1G384 ONSEMI-NS5B1G384 Datasheet
144Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
March, 2009 ??Rev. 0
NS5B1G384DTT1G ONSEMI-NS5B1G384DTT1G Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com