Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIC4450-4NH Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EIC4450-4NH
Description  4.40-5.00 GHz 4-Watt Internally Matched Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIC4450-4NH Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EIC4450-4NH Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIC4450-4NH Datasheet HTML 2Page - Excelics Semiconductor, Inc. EIC4450-4NH Datasheet HTML 3Page - Excelics Semiconductor, Inc. EIC4450-4NH Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EIC4450-4
UPDATED 08/21/2007
4.40-5.00 GHz 4-Watt Internally Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2007
FEATURES
4.40–5.00GHz Bandwidth
Input/Output Impedance Matched to 50 Ohms
+36.5 dBm Output Power at 1dB Compression
11.5 dB Power Gain at 1dB Compression
37% Power Added Efficiency
-46 dBc IM3 at PO = 25.5 dBm SCL
100% Tested for DC, RF, and RTH
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device.
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
P1dB
Output Power at 1dB Compression
f = 4.40-5.00GHz
VDS = 10 V, IDSQ ≈ 1100mA
35.5
36.5
dBm
G1dB
Gain at 1dB Compression
f = 4.40-5.00GHz
VDS = 10 V, IDSQ ≈ 1100mA
10.5
11.5
dB
∆G
Gain Flatness
f = 4.40-5.00GHz
VDS = 10 V, IDSQ ≈ 1100mA
±0.6
dB
PAE
Power Added Efficiency at 1dB Compression
VDS = 10 V, IDSQ ≈ 1100mA
f = 4.40-5.00GHz
37
%
Id1dB
Drain Current at 1dB Compression f = 4.40-5.00GHz
1200
1500
mA
IM3
Output 3rd Order Intermodulation Distortion
∆f = 10 MHz 2-Tone Test; Pout = 25.5 dBm S.C.L
2
VDS = 10 V, IDSQ ≈ 65% IDSS
f = 5.00GHz
-43
-46
dBc
IDSS
Saturated Drain Current
VDS = 3 V, VGS = 0 V
2000
2500
mA
VP
Pinch-off Voltage
VDS = 3 V, IDS = 20 mA
-2.5
-4.0
V
RTH
Thermal Resistance
3
5.5
6.0
oC/W
Note: 1. Tested with 100 Ohm gate resistor.
2. S.C.L. = Single Carrier Level.
3. Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING FOR EFE
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
15V
10V
Vgs
Gate-Source Voltage
-5V
-4V
Igf
Forward Gate Current
48mA
14mA
Igr
Reverse Gate Current
-9.6mA
-2.4mA
Pin
Input Power
36dBm
@ 3dB Compression
Tch
Channel Temperature
175C
175C
Tstg
Storage Temperature
-65C to +175C
-65C to +175C
Pt
Total Power Dissipation
25W
25W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.


Similar Part No. - EIC4450-4NH

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC4450-10 EXCELICS-EIC4450-10 Datasheet
97Kb / 2P
   4.40-5.00 GHz 10-Watt Internally Matched Power FET
EIC4450-10NH EXCELICS-EIC4450-10NH Datasheet
97Kb / 2P
   4.40-5.00 GHz 10-Watt Internally Matched Power FET
EIC4450-15 EXCELICS-EIC4450-15 Datasheet
140Kb / 3P
   4.40-5.00GHz 15-Watt Internally Matched Power FET
EIC4450-18 EXCELICS-EIC4450-18 Datasheet
125Kb / 2P
   4.40-5.00GHz 18-Watt Internally Matched Power FET
EIC4450-8 EXCELICS-EIC4450-8 Datasheet
165Kb / 4P
   4.40-5.00GHz 8-Watt Internally Matched Power FET
More results

Similar Description - EIC4450-4NH

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC4450-10 EXCELICS-EIC4450-10 Datasheet
97Kb / 2P
   4.40-5.00 GHz 10-Watt Internally Matched Power FET
EIC4450-18 EXCELICS-EIC4450-18 Datasheet
125Kb / 2P
   4.40-5.00GHz 18-Watt Internally Matched Power FET
EIC4450-15 EXCELICS-EIC4450-15 Datasheet
140Kb / 3P
   4.40-5.00GHz 15-Watt Internally Matched Power FET
EIC4450-8 EXCELICS-EIC4450-8 Datasheet
165Kb / 4P
   4.40-5.00GHz 8-Watt Internally Matched Power FET
EIC5972-4 EXCELICS-EIC5972-4 Datasheet
124Kb / 2P
   5.90-7.20 GHz 4-Watt Internally Matched Power FET
EID1718A1-4 EXCELICS-EID1718A1-4 Datasheet
90Kb / 2P
   17.3-18.1 GHz 4-Watt Internally-Matched Power FET
EIC5359-4 EXCELICS-EIC5359-4 Datasheet
90Kb / 1P
   5.3-5.9 GHz 4-Watt Internally Matched Power FET
EIC1212-4 EXCELICS-EIC1212-4 Datasheet
122Kb / 2P
   12.20-12.70 GHz 4-Watt Internally Matched Power FET
EIC5964-4 EXCELICS-EIC5964-4 Datasheet
162Kb / 4P
   5.90-6.40 GHz 4-Watt Internally Matched Power FET
EID1414A1-8 EXCELICS-EID1414A1-8 Datasheet
170Kb / 4P
   14.00-14.50 GHz 8-Watt Internally-Matched Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com