Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIC4953-8 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EIC4953-8
Description  4.90-5.30 GHz 8-Watt Internally Matched Power FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIC4953-8 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EIC4953-8 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIC4953-8 Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EIC4953-8
ISSUED 02/28/2008
4.90-5.30 GHz 8-Watt Internally Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised February 2008
PACKAGES OUTLINE
Dimensions in inches, Tolerance + .005 unless otherwise specified
EIC4953-8 (Hermetic)
EIC4953-8NH (Non-Hermetic)
YYWW
.827±.010
.421
.004
.669
.105±.008
.168±.010
ALL DIMENSIONS IN INCHES
.125
.508±.008
.442
SN
.004
.063
.024
.120 MIN
Excelics
.120 MIN
ALL DIMENSIONS IN INCHES
SN
YYWW
Excelics
Caution! ESD sensitive device.
Caution! ESD sensitive device.
ORDERING INFORMATION
Part Number
Packages
Grade
1
fTest (GHz)
P1dB (min)
IM3 (min)
2
EIC4953-8
Hermetic
Industrial
4.90-5.30GHz
38.5
-43
EIC4953-8NH
Non-Hermetic
Industrial
4.90-5.30GHz
38.5
-43
Notes:
1. Contact factory for military and hi-rel grades.
2. Exact test conditions are specified in “Electrical Characteristics” table.
DISCLAIMER
EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN.
LIFE SUPPORT POLICY
EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE
SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR,
INC. AS HERE IN:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for
use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness
EIC4953-8
EIC4953-8NH


Similar Part No. - EIC4953-8

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC4450-10 EXCELICS-EIC4450-10 Datasheet
97Kb / 2P
   4.40-5.00 GHz 10-Watt Internally Matched Power FET
EIC4450-10NH EXCELICS-EIC4450-10NH Datasheet
97Kb / 2P
   4.40-5.00 GHz 10-Watt Internally Matched Power FET
EIC4450-15 EXCELICS-EIC4450-15 Datasheet
140Kb / 3P
   4.40-5.00GHz 15-Watt Internally Matched Power FET
EIC4450-18 EXCELICS-EIC4450-18 Datasheet
125Kb / 2P
   4.40-5.00GHz 18-Watt Internally Matched Power FET
EIC4450-4 EXCELICS-EIC4450-4 Datasheet
184Kb / 4P
   4.40-5.00 GHz 4-Watt Internally Matched Power FET
More results

Similar Description - EIC4953-8

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC4853-25 EXCELICS-EIC4853-25 Datasheet
92Kb / 2P
   4.8-5.30 GHz 25-Watt Internally Matched Power FET
EIC5359-10 EXCELICS-EIC5359-10 Datasheet
84Kb / 1P
   5.30-5.90 GHz 10W Internally Matched Power FET
EIC5359-8 EXCELICS-EIC5359-8 Datasheet
73Kb / 1P
   5.30-5.90GHz, 8W Internally Matched Power FET
EID1414A1-8 EXCELICS-EID1414A1-8 Datasheet
170Kb / 4P
   14.00-14.50 GHz 8-Watt Internally-Matched Power FET
EIC1112-8 EXCELICS-EIC1112-8 Datasheet
90Kb / 2P
   11.7-12.7 GHz 8-Watt Internally Matched Power FET
EID1112A1-8 EXCELICS-EID1112A1-8 Datasheet
91Kb / 2P
   11.70-12.70 GHz 8-Watt Internally Matched Power FET
EID1314A1-8 EXCELICS-EID1314A1-8 Datasheet
170Kb / 4P
   13.75-14.50 GHz 8-Watt Internally-Matched Power FET
EIC1314-8 EXCELICS-EIC1314-8 Datasheet
216Kb / 4P
   13.75-14.5 GHz 8-Watt Internally Matched Power FET
EIC1010A-8 EXCELICS-EIC1010A-8 Datasheet
159Kb / 4P
   10.00-10.25 GHz 8-Watt Internally Matched Power FET
EIC0910A-8 EXCELICS-EIC0910A-8 Datasheet
125Kb / 2P
   9.20-10.00 GHz 8-Watt Internally Matched Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com