Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIC5964-10 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EIC5964-10
Description  5.90-6.40 GHz 10-Watt Internally Matched Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIC5964-10 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EIC5964-10 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIC5964-10 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EIC5964-10 Datasheet HTML 3Page - Excelics Semiconductor, Inc. EIC5964-10 Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EIC5964-10
UPDATED 08/21/2007
5.90-6.40 GHz 10-Watt Internally Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2007
Excelics
0.685
0.617
0.315
0.010
0.055
0.158
SN
0.803
0.945
YYWW
2X 0.079 MIN
0.095
0.004
0.580
0.024
0.055
0.168
4X 0.102
FEATURES
5.90–6.40GHz Bandwidth
Input/Output Impedance Matched to 50 Ohms
+40.5 dBm Output Power at 1dB Compression
10.0 dB Power Gain at 1dB Compression
37% Power Added Efficiency
-46 dBc IM3 at PO = 29.5 dBm SCL
100% Tested for DC, RF, and RTH
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device.
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
P1dB
Output Power at 1dB Compression
f = 5.90-6.40GHz
VDS = 10 V, IDSQ ≈ 3200mA
39.5
40.5
dBm
G1dB
Gain at 1dB Compression
f = 5.90-6.40GHz
VDS = 10 V, IDSQ ≈ 3200mA
9.0
10.0
dB
∆G
Gain Flatness
f = 5.90-6.40GHz
VDS = 10 V, IDSQ ≈ 3200mA
±0.6
dB
PAE
Power Added Efficiency at 1dB Compression
VDS = 10 V, IDSQ ≈ 3200mA
f = 5.90-6.40GHz
37
%
Id1dB
Drain Current at 1dB Compression
f = 5.90-6.40GHz
3200
3600
mA
IM3
Output 3rd Order Intermodulation Distortion
∆f = 10 MHz 2-Tone Test; Pout = 29.5 dBm S.C.L
2
VDS = 10 V, IDSQ ≈ 65% IDSS
f = 6.40GHz
-43
-46
dBc
IDSS
Saturated Drain Current
VDS = 3 V, VGS = 0 V
5800
6400
mA
VP
Pinch-off Voltage
VDS = 3 V, IDS = 60 mA
-2.5
-4.0
V
RTH
Thermal Resistance
3
2.5
3.0
oC/W
Note: 1. Tested with 100 Ohm gate resistor.
2. S.C.L. = Single Carrier Level.
3. Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING FOR EFE
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
15V
10V
Vgs
Gate-Source Voltage
-5V
-4V
Igf
Forward Gate Current
136mA
40.8mA
Igr
Reverse Gate Current
-27.2mA
-6.8mA
Pin
Input Power
40dBm
@ 3dB Compression
Tch
Channel Temperature
175C
175C
Tstg
Storage Temperature
-65C to +175C
-65C to +175C
Pt
Total Power Dissipation
50W
50W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
EIC5964-10


Similar Part No. - EIC5964-10

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC5964-4 EXCELICS-EIC5964-4 Datasheet
162Kb / 4P
   5.90-6.40 GHz 4-Watt Internally Matched Power FET
EIC5964-5 EXCELICS-EIC5964-5 Datasheet
165Kb / 4P
   5.90-6.40 GHz 5-Watt Internally Matched Power FET
EIC5964-8 EXCELICS-EIC5964-8 Datasheet
169Kb / 4P
   5.90-6.40GHz 8-Watt Internally Matched Power FET
EIC5964-8NH EXCELICS-EIC5964-8NH Datasheet
169Kb / 4P
   5.90-6.40GHz 8-Watt Internally Matched Power FET
More results

Similar Description - EIC5964-10

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC5964-5 EXCELICS-EIC5964-5 Datasheet
165Kb / 4P
   5.90-6.40 GHz 5-Watt Internally Matched Power FET
EIC5964-4 EXCELICS-EIC5964-4 Datasheet
162Kb / 4P
   5.90-6.40 GHz 4-Watt Internally Matched Power FET
EIC5972-4 EXCELICS-EIC5972-4 Datasheet
124Kb / 2P
   5.90-7.20 GHz 4-Watt Internally Matched Power FET
EIC5972-12 EXCELICS-EIC5972-12 Datasheet
91Kb / 2P
   5.90-7.20 GHz 12-Watt Internally Matched Power FET
EIC6472-8 EXCELICS-EIC6472-8 Datasheet
169Kb / 4P
   6.40-7.20GHz 8-Watt Internally-Matched Power FET
EIC5359-10 EXCELICS-EIC5359-10 Datasheet
84Kb / 1P
   5.30-5.90 GHz 10W Internally Matched Power FET
EIC5964-8 EXCELICS-EIC5964-8 Datasheet
169Kb / 4P
   5.90-6.40GHz 8-Watt Internally Matched Power FET
EIC6472-4 EXCELICS-EIC6472-4 Datasheet
162Kb / 4P
   6.40-7.20GHz 4-Watt Internally-Matched Power FET
EIC6472-5 EXCELICS-EIC6472-5 Datasheet
163Kb / 4P
   6.40-7.20GHz 5-Watt Internally-Matched Power FET
EIC7785-10 EXCELICS-EIC7785-10 Datasheet
87Kb / 1P
   7.70-8.50 GHz 10-Watt Internally Matched Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com