Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIC7177-10 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EIC7177-10
Description  7.10-7.70 GHz 10-Watt Internally-Matched Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIC7177-10 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EIC7177-10 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIC7177-10 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EIC7177-10 Datasheet HTML 3Page - Excelics Semiconductor, Inc. EIC7177-10 Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EIC7177-10
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2003
7.10-7.70 GHz 10-Watt Internally-Matched Power FET
FEATURES
7.10 – 7.70 GHz Bandwidth
Input/Output Impedance Matched to 50 Ohms
+40.5 dBm Output Power at 1dB Compression
9 dB Power Gain at 1dB Compression
35% Power Added Efficiency
-46 dBc IM3 at Po = 29.5 dBm SCL
Hermetic Metal Flange Package
100% Tested for DC, RF, and RTH
DESCRIPTION
The EIC7177-10 is a high power, highly linear,
single stage MFET amplifier in a flange mount
package. This amplifier features Excelics’ unique
MESFET transistor technology.
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
P1dB
Output Power at 1dB Compression f = 7.10-7.70GHz
VDS = 10 V, IDSQ ≈ 3200mA
39.5
40.5
dBm
G1dB
Gain at 1dB Compression
f = 7.10-7.70GHz
VDS = 10 V, IDSQ ≈ 3200mA
8.0
9.0
dB
∆G
Gain Flatness
f = 7.10-7.70GHz
VDS = 10 V, IDSQ ≈ 3200mA
±0.6
dB
PAE
Power Added Efficiency at 1dB Compression
VDS = 10 V, IDSQ ≈ 3200mA
f = 7.10-7.70GHz
35
%
Id1dB
Drain Current at 1Db Compression f = 7.10-7.70GHz
3200
3600
mA
IM3
Output 3rd Order Intermodulation Distortion
∆f = 10 MHz 2-Tone Test; Pout = 29.5 dBm S.C.L
2
VDS = 10 V, IDSQ ≈ 65% IDSS
f = 7.70 GHz
-43
-46
dBc
IDSS
Saturated Drain Current
VDS = 3 V, VGS = 0 V
5800
6400
mA
VP
Pinch-off Voltage
VDS = 3 V, IDS = 60 mA
-2.5
-4.0
V
RTH
Thermal Resistance
3
2.5
3.0
oC/W
Notes:
1.
Tested with 100 Ohm gate resistor.
2.
S.C.L. = Single Carrier Level.
3.
Overall Rth depends on case mounting.


Similar Part No. - EIC7177-10

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC7179-10 EXCELICS-EIC7179-10 Datasheet
91Kb / 2P
   7.10-7.90 GHz 10-Watt Internally Matched Power FET
EIC7179-12 EXCELICS-EIC7179-12 Datasheet
181Kb / 2P
   7.10-7.90 GHz 12-Watt Internally Matched Power FET
EIC7179-4 EXCELICS-EIC7179-4 Datasheet
181Kb / 4P
   7.10-7.90GHz 4-Watt Internally-Matched Power FET
EIC7179-4NH EXCELICS-EIC7179-4NH Datasheet
181Kb / 4P
   7.10-7.90GHz 4-Watt Internally-Matched Power FET
EIC7179-5 EXCELICS-EIC7179-5 Datasheet
185Kb / 4P
   7.10-7.90GHz 5-Watt Internally-Matched Power FET
More results

Similar Description - EIC7177-10

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC7179-10 EXCELICS-EIC7179-10 Datasheet
91Kb / 2P
   7.10-7.90 GHz 10-Watt Internally Matched Power FET
EIC7785-10 EXCELICS-EIC7785-10 Datasheet
87Kb / 1P
   7.70-8.50 GHz 10-Watt Internally Matched Power FET
EIA7785-6 EXCELICS-EIA7785-6 Datasheet
86Kb / 1P
   7.70-8.50 GHz 6-Watt Internally Matched Power FET
EIC7179-12 EXCELICS-EIC7179-12 Datasheet
181Kb / 2P
   7.10-7.90 GHz 12-Watt Internally Matched Power FET
EIC7179-5 EXCELICS-EIC7179-5 Datasheet
185Kb / 4P
   7.10-7.90GHz 5-Watt Internally-Matched Power FET
EIC7785-5 EXCELICS-EIC7785-5 Datasheet
168Kb / 4P
   7.70-8.50GHz 5-Watt Internally-Matched Power FET
EIA7785-2 EXCELICS-EIA7785-2 Datasheet
89Kb / 2P
   7.70-8.50GHz 2-Watt Internally Matched Power FET
EIC7179-8 EXCELICS-EIC7179-8 Datasheet
187Kb / 4P
   7.10-7.90GHz 8-Watt Internally-Matched Power FET
EIC7785-4 EXCELICS-EIC7785-4 Datasheet
163Kb / 4P
   7.70-8.50GHz 4-Watt Internally-Matched Power FET
EIC7785-8 EXCELICS-EIC7785-8 Datasheet
166Kb / 4P
   7.70-8.50GHz 8-Watt Internally-Matched Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com