Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIC7785-5NH-01 Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # EIC7785-5NH-01
Description  7.70-8.50GHz 5-Watt Internally-Matched Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIC7785-5NH-01 Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  EIC7785-5NH-01 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIC7785-5NH-01 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EIC7785-5NH-01 Datasheet HTML 3Page - Excelics Semiconductor, Inc. EIC7785-5NH-01 Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EIC7785-5
UPDATED 08/21/2007
7.70-8.50GHz 5-Watt Internally-Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2007
Power De-rating Curve and IM3 Definition
Power Dissipation vs. Temperature
0
5
10
15
20
25
30
0
25
50
75
100
125
150
175
Case Temperature (°C)
Safe Operating
Region
Potentially Unsafe
Operating Region
f1 f2
(2f1-f2) f1 f2 (2f2-f1)
IM3
Pout
Pin
IP
3 = Pout + IM3/2
THIRD-ORDER
INTERCEPT POINT IP3
f1 or f2
(2f2 - f1) or (2f1 - f2)
Pin [S.C.L.] (dBm)
IM3
Typical Power Data (VDS = 10 V, IDSQ = 1600 mA)
Typical IM3 Data (VDS = 10 V, IDSQ ≈ 65% IDSS)
P-1dB & G-1dB vs Frequency
34
35
36
37
38
39
7.6
7.8
8.0
8.2
8.4
8.6
Frequency (GHz)
6
7
8
9
10
11
P-1dB (dBm)
G-1dB (dB)
IM3 vs Output Power
f1 = 8.50 GHz, f2 = 8.51 GHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
21
22
23
24
25
26
27
28
29
30
31
32
33
Pout [S.C.L.] (dBm)
IM3 (dBc)


Similar Part No. - EIC7785-5NH-01

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC7785-10 EXCELICS-EIC7785-10 Datasheet
87Kb / 1P
   7.70-8.50 GHz 10-Watt Internally Matched Power FET
EIC7785-4 EXCELICS-EIC7785-4 Datasheet
163Kb / 4P
   7.70-8.50GHz 4-Watt Internally-Matched Power FET
EIC7785-4NH EXCELICS-EIC7785-4NH Datasheet
163Kb / 4P
   7.70-8.50GHz 4-Watt Internally-Matched Power FET
EIC7785-8 EXCELICS-EIC7785-8 Datasheet
166Kb / 4P
   7.70-8.50GHz 8-Watt Internally-Matched Power FET
EIC7785-8NH EXCELICS-EIC7785-8NH Datasheet
166Kb / 4P
   7.70-8.50GHz 8-Watt Internally-Matched Power FET
More results

Similar Description - EIC7785-5NH-01

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIA7785-2 EXCELICS-EIA7785-2 Datasheet
89Kb / 2P
   7.70-8.50GHz 2-Watt Internally Matched Power FET
EIC7785-4 EXCELICS-EIC7785-4 Datasheet
163Kb / 4P
   7.70-8.50GHz 4-Watt Internally-Matched Power FET
EIC7785-8 EXCELICS-EIC7785-8 Datasheet
166Kb / 4P
   7.70-8.50GHz 8-Watt Internally-Matched Power FET
EIA7785-6 EXCELICS-EIA7785-6 Datasheet
86Kb / 1P
   7.70-8.50 GHz 6-Watt Internally Matched Power FET
EIC7177-10 EXCELICS-EIC7177-10 Datasheet
154Kb / 4P
   7.10-7.70 GHz 10-Watt Internally-Matched Power FET
EIC7785-10 EXCELICS-EIC7785-10 Datasheet
87Kb / 1P
   7.70-8.50 GHz 10-Watt Internally Matched Power FET
EIC7179-5 EXCELICS-EIC7179-5 Datasheet
185Kb / 4P
   7.10-7.90GHz 5-Watt Internally-Matched Power FET
EIA1415-5 EXCELICS-EIA1415-5 Datasheet
89Kb / 2P
   14.40-15.35GHz 5-Watt Internally Matched Power FET
EIC6472-5 EXCELICS-EIC6472-5 Datasheet
163Kb / 4P
   6.40-7.20GHz 5-Watt Internally-Matched Power FET
EIC5964-5 EXCELICS-EIC5964-5 Datasheet
165Kb / 4P
   5.90-6.40 GHz 5-Watt Internally Matched Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com