Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2M Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # FR2M
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

FR2M Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  FR2M Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. FR2M Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 10/03/2006 C
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
FR2A THRU FR2M
SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage – 50 to 1000 V
Forward Current – 2 A
Features
• The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
• Fast switching for high efficiency
• Low reverse leakage
• High forward surge current capability
• For surface mounted applications
Mechanical Data
• Case: Molded plastic, DO-214AA (SMB).
• Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
• Polarity: Color band denotes cathode end
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase half-wave 60 Hz, resistive or
inductive load, for capacitive load current derate by 20%.
Parameter
Symbols FR2A FR2B FR2D FR2G FR2J FR2K FR2M Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100 200 400 600 800 1000
V
Maximum RMS Voltage
VRMS
35
70
140 280 420 560 700
V
Maximum DC Blocking Voltage
VDC
50
100 200 400 600 800 1000
V
Average Forward Rectified Current at TL = 90 OC
I(AV)
2
A
Peak Forward Surge Current 8.3 ms Single Half-sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
50
A
Maximum Instantaneous Forward Voltage at 2 A
VF
1.3
V
Maximum Reverse Current
at Rated DC Blocking Voltage
TA = 25 OC
TA = 100 OC
IR
5
50
µA
Maximum Reverse Recovery Time
1)
trr
150
250
500
ns
Typical Junction Capacitance
2)
CJ
50
pF
Typical Thermal Resistance
3)
RθJA
20
O
C/W
Operating Junction and Storage Temperature Range
Tj, Tstg
-65 to +150
O
C
1) Reverse recovery conditions: I
F = 0.5 A, IR = 1 A, Irr = 0.25 A
2) Measured at 1 MHz and applied reverse voltage of 4 VDC.
3) P.C.B with 0.2 X 0.2" (5 X 5 mm) copper pad areas.


Similar Part No. - FR2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR2M MCC-FR2M Datasheet
622Kb / 3P
   2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
FR2M DIOTEC-FR2M Datasheet
139Kb / 2P
   Fast Recovery SMD Rectifier Diodes
FR2M DIOTEC-FR2M Datasheet
163Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Microdiode Electronics ...
FR2M CHENDA-FR2M Datasheet
950Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Semikron International
FR2M SEMIKRON-FR2M Datasheet
117Kb / 2P
   Fast silicon rectifier diodes
More results

Similar Description - FR2M

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com