Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5287 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 1N5287
Description  CURRENT REGULATOR DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5287 Datasheet(HTML) 4 Page - Motorola, Inc

  1N5287 Datasheet HTML 1Page - Motorola, Inc 1N5287 Datasheet HTML 2Page - Motorola, Inc 1N5287 Datasheet HTML 3Page - Motorola, Inc 1N5287 Datasheet HTML 4Page - Motorola, Inc 1N5287 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1N5283 through 1N5314
Motorola TVS/Zener Device Data
9-5
1.5 Watt DC Power Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1
–1.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2
3
4
5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2
3
4
5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2
3
4
5
TYPICAL
RANGE*
TYPICAL
RANGE*
RANGE*
TYPICAL
IP, NOMINAL PINCH-OFF CURRENT (mA)
IP, NOMINAL PINCH-OFF CURRENT (mA)
IP, NOMINAL PINCH-OFF CURRENT (mA)
TJ = +25°C TO +150°C
VAK = 25 V
∆IP =
θI
100
IP(nom) ∆TJ (°C)
TJ = –55°C TO +25°C
VAK = 25 V
∆IP =
θI
100
IP(nom) ∆TJ (°C)
TA = 25°C
∆VAK = 40 V, VAK VARIED FROM 10 V TO 50 V
∆IP = IP @ 50 V – IP @ 10 V
1/2
″ LEAD LENGTH, θLA = 30°C/W
*90% of the units will be in the ranges shown.
Figure 4. Temperature Coefficient
Figure 5. Temperature Coefficient
Figure 6. Current Regulation Factor


Similar Part No. - 1N5287

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5287 CDI-DIODE-1N5287 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5287 KNOX-1N5287 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5287 MICROSEMI-1N5287 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5287 MICROSEMI-1N5287 Datasheet
34Kb / 1P
   CURRENT REGULATOR DIODES
1N5287 MICROSEMI-1N5287 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
More results

Similar Description - 1N5287

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com