Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55114FK Datasheet(PDF) 2 Page - Texas Instruments

Part # SN55114FK
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55114FK Datasheet(HTML) 2 Page - Texas Instruments

  SN55114FK Datasheet HTML 1Page - Texas Instruments SN55114FK Datasheet HTML 2Page - Texas Instruments SN55114FK Datasheet HTML 3Page - Texas Instruments SN55114FK Datasheet HTML 4Page - Texas Instruments SN55114FK Datasheet HTML 5Page - Texas Instruments SN55114FK Datasheet HTML 6Page - Texas Instruments SN55114FK Datasheet HTML 7Page - Texas Instruments SN55114FK Datasheet HTML 8Page - Texas Instruments SN55114FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN55114, SN75114
DUAL DIFFERENTIAL LINE DRIVERS
SLLS071C – SEPTEMBER 1973 – REVISED SEPTEMBER 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
&
2C
2B
2A
1C
1B
1A
11
10
9
7
6
5
2ZS
2ZP
2YS
2YP
1ZS
1ZP
1YS
1YP
14
15
13
12
2
1
3
4
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, N, and W packages.
logic diagram (positive logic)
2C
2B
2A
1C
1B
1A
11
10
9
7
6
5
2ZS
2ZP
2YS
2YP
1ZS
1ZP
1YS
1YP
14
15
13
12
2
1
3
4
schematic (each driver)
900
AND
C BA
Inputs
5,9
7,11
94 k
1 k
900
5 k
90
500
333
600
600
4 k
600‡
90
500
5 k
4 k
9
1 k
16
VCC
1, 15 NAND Pullup
ZP
2, 14 NAND
Sink Output
ZS
8
GND
AND
Pullup
YP
4, 12
YS
Sink Output
3, 13
6,
10
To
Other Driver
‡ These components are common to both drivers. Resistor values shown are nominal and in ohms.
Pin numbers shown are for the D, J, N, and W packages.


Similar Part No. - SN55114FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55114 TI1-SN55114 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114J TI1-SN55114J Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN55114FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com