Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55115FK Datasheet(PDF) 10 Page - Texas Instruments

Part # SN55115FK
Description  DUAL DIFFERENTIAL RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55115FK Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN55115FK Datasheet HTML 3Page - Texas Instruments SN55115FK Datasheet HTML 4Page - Texas Instruments SN55115FK Datasheet HTML 5Page - Texas Instruments SN55115FK Datasheet HTML 6Page - Texas Instruments SN55115FK Datasheet HTML 7Page - Texas Instruments SN55115FK Datasheet HTML 8Page - Texas Instruments SN55115FK Datasheet HTML 9Page - Texas Instruments SN55115FK Datasheet HTML 10Page - Texas Instruments SN55115FK Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
PROPAGATION DELAY TIMES
vs
FREE-AIR TEMPERATURE
–75
TA – Free-Air Temperature – °C
30
125
0
–50
–25
0
25
50
75
100
5
10
15
20
25
VCC = 5 V
See Figure 1
tPHL (RL = 390 Ω)
tPLH (RL = 3.9 kΩ)
Figure 14
MAXIMUM OPERATING FREQUENCY
vs
RESPONSE-TIME-CONTROL CAPACITANCE
0.001
Response-Time-Control Capacitance –
µF
10M
10
100
0.01
0.1
1
1k
10k
1M
VCC = 5 V
Input: – 0.5-V to 0.5-V Square Wave
TA = 25°C
† Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55115 circuits
only. These parameters were measured with the active pullup connected to the sink output.
APPLICATION INFORMATION
Location 1
SN75113 Driver
SN75115 Receiver
Location 3
Location 2
Location 5
Location 4
Location 6
Twisted
Pair
ZO‡
ZO‡
‡ ZO = RT. A capacitor may be connected in series with ZO to reduce power dissipation.
Figure 15. Basic Party-Line or Data-Bus Differential Data Transmission


Similar Part No. - SN55115FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55115 TI1-SN55115 Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115 TI1-SN55115 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN55115J TI1-SN55115J Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115J TI1-SN55115J Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115J TI1-SN55115J Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
More results

Similar Description - SN55115FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55115 TI1-SN55115_15 Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115NSR TI1-SN75115NSR Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115 TI1-SN55115_V01 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com