Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74S140NSR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74S140NSR
Description  DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S140NSR Datasheet(HTML) 4 Page - Texas Instruments

  SN74S140NSR Datasheet HTML 1Page - Texas Instruments SN74S140NSR Datasheet HTML 2Page - Texas Instruments SN74S140NSR Datasheet HTML 3Page - Texas Instruments SN74S140NSR Datasheet HTML 4Page - Texas Instruments SN74S140NSR Datasheet HTML 5Page - Texas Instruments SN74S140NSR Datasheet HTML 6Page - Texas Instruments SN74S140NSR Datasheet HTML 7Page - Texas Instruments SN74S140NSR Datasheet HTML 8Page - Texas Instruments SN74S140NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
JM38510/08101BCA
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
JM38510/08101BDA
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
JM38510/08101BDA
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SN54S140J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SN54S140J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SN74S140D
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140D
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140DE4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140DE4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140DR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140DR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140DRE4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140DRE4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74S140N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74S140N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74S140N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74S140NE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74S140NE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74S140NSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140NSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140NSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S140NSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54S140FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S140FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S140J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S140J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S140W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S140W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 1


Similar Part No. - SN74S140NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S140NSR TI1-SN74S140NSR Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
More results

Similar Description - SN74S140NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54S140 TI1-SN54S140_14 Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
logo
Fairchild Semiconductor
DM74S140 FAIRCHILD-DM74S140 Datasheet
35Kb / 3P
   Dual 4-Input NAND 50??Line Driver
logo
NXP Semiconductors
74F3040 PHILIPS-74F3040 Datasheet
71Kb / 8P
   Dual 4-input NAND 30 ohm line driver
1990 Jan 29
logo
Texas Instruments
SN54LV20A TI-SN54LV20A_08 Datasheet
505Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATE
logo
Renesas Technology Corp
HD74LS40 RENESAS-HD74LS40 Datasheet
146Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
IK Semicon Co., Ltd
IN7440 IKSEMICON-IN7440 Datasheet
199Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Texas Instruments
74ACT11020 TI1-74ACT11020 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI1-SN5420_15 Datasheet
951Kb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN54HC20 TI1-SN54HC20_15 Datasheet
1Mb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN5440 TI1-SN5440_14 Datasheet
437Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com