Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75109AN Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75109AN
Description  DUAL LINE DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75109AN Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75109AN Datasheet HTML 2Page - Texas Instruments SN75109AN Datasheet HTML 3Page - Texas Instruments SN75109AN Datasheet HTML 4Page - Texas Instruments SN75109AN Datasheet HTML 5Page - Texas Instruments SN75109AN Datasheet HTML 6Page - Texas Instruments SN75109AN Datasheet HTML 7Page - Texas Instruments SN75109AN Datasheet HTML 8Page - Texas Instruments SN75109AN Datasheet HTML 9Page - Texas Instruments SN75109AN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN55109A, SN55110A
SN75109A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106B – DECEMBER 1975 – REVISED MAY 1995
2–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC± = ±5 V, TA = 25°C
PARAMETER †
FROM
TO
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER †
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
AorB
YorZ
9
15
ns
tPHL
A or B
Y or Z
CL =40 pFRL =50 Ω
See Figure 1
9
15
ns
tPLH
CorD
YorZ
CL = 40 pF,
RL = 50 Ω,
See Figure 1
16
25
ns
tPHL
C or D
Y or Z
13
25
ns
† tPLH = Propagation delay time, low-to-high-level output
tPHL = Propagation delay time, high-to-low-level output
PARAMETER MEASUREMENT INFORMATION
Input A or B
Pulse
Generator
Pulse
Generator
See Note A
Input A or B
Enable C or D
50%
t w1
t w2
3 V
0 V
3 V
0 V
TEST CIRCUIT
off
on
t PLH
t PHL
t PHL
t PLH
t PHL
t PLH
on
off
50%
50%
Output Y
Output Z
VOLTAGE WAVEFORMS
890
Output Y
Output Z
RL = 50 Ω
890
VCC +
VCC –
To Other Driver
50
See Note C
RL = 50 Ω
50
Input C or D
CL = 40 pF
(see Note B)
CL = 40 pF
(see Note B)
50%
50%
50%
50%
50%
50%
50%
NOTES: A. The pulse generators have the following characteristics: ZO = 50 Ω, tr = tf = 10 ± 5 ns, tw1 = 500 ns, PRR ≤ 1 MHz, tw2 = 1 µs,
PRR
≤ 500 kHz.
B. CL includes probe and jig capacitance.
C. For simplicity, only one channel and the enable connections are shown.
Figure 1. Test Circuit and Voltage Waveforms


Similar Part No. - SN75109AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75107A TI-SN75107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107A TI-SN75107A Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107AD TI-SN75107AD Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107AD TI1-SN75107AD Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107ADE4 TI-SN75107ADE4 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN75109AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com