Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75114DR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75114DR
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75114DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75114DR Datasheet HTML 2Page - Texas Instruments SN75114DR Datasheet HTML 3Page - Texas Instruments SN75114DR Datasheet HTML 4Page - Texas Instruments SN75114DR Datasheet HTML 5Page - Texas Instruments SN75114DR Datasheet HTML 6Page - Texas Instruments SN75114DR Datasheet HTML 7Page - Texas Instruments SN75114DR Datasheet HTML 8Page - Texas Instruments SN75114DR Datasheet HTML 9Page - Texas Instruments SN75114DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN55114, SN75114
DUAL DIFFERENTIAL LINE DRIVERS
SLLS071C – SEPTEMBER 1973 – REVISED SEPTEMBER 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
3
2
1
0
4
5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
VCC = 4.5 V
TA = 25°C
0
– 20
– 40
– 60
– 80
– 100
– 120
VCC = 5.5 V
VCC = 5 V
Figure 5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0
0.4
80
0
10
20
30
40
50
60
70
0.1
0.2
0.3
VCC = 5.5 V
VCC = 4.5 V
TA = 25°C
Figure 6
1.2
0.8
0.4
0
025
50
1.6
2
2.4
75
100
125
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 4.5 V
VOH(IOH = – 10 mA)
3.2
2.8
3.6
4
–75 – 50
–25
VOH(IOH = – 40 mA)
VOL(IOL = 40 mA)
Figure 7
40
0
10
20
30
100
75
50
25
0
125
TA – Free-Air Temperature – °C
tPLH
tPHL
PROPAGATION DELAY TIMES
vs
FREE-AIR TEMPERATURE
–75 – 50
–25
VCC = 5 V
See Figure 1
† Operation of the device at these or any other conditions beyond those indicated under ”recommended operating conditions” is not implied. These
parameters were measured with the active pullup connected to the sink output.


Similar Part No. - SN75114DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75114D TI1-SN75114D Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75114DE4 TI1-SN75114DE4 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75114DG4 TI1-SN75114DG4 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75114DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com