Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N746 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1N746
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N746 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N746 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N746 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 13/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N746...1N759
SILICON PLANAR ZENER DIODES
Standard Zener voltage tolerance is ± 10%. Add suffix
"A" for ± 5% tolerance. Other tolerances, non-
standard and higher Zener voltages are upon request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 65 to + 175
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
1)
K/mW
Forward Voltage
at IF = 200 mA
VF
1.2
V
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - 1N746

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
TRANSYS Electronics Lim...
1N746 TEL-1N746 Datasheet
76Kb / 2P
   SILICON ZENER DIODES
logo
Compensated Deuices Inc...
1N746 CDI-DIODE-1N746 Datasheet
23Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
1N746 CHENYI-1N746 Datasheet
33Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N746

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com