Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIM4953-4 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EIM4953-4
Description  4.9-5.3 GHz Multi-Stage Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIM4953-4 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EIM4953-4 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIM4953-4 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EIM4953-4 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EIM4953-4
ISSUED 02/12/2008
4.9-5.3 GHz Multi-Stage Power Amplifier
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised February 2008
EXCELICS
RF IN
-5V
VD1
RF OUT
N/C
VD2
GND
FEATURES
4.9-5.3GHz Operating Frequency Range
35.5dBm Output Power at 1dB Compression
30.0 dB Typical Power Gain @1dB gain compression
-45.0Bc Typical OIM3@ each tone Pout 23.5dBm
Non-Hermetic Metal Flange Package
APPLICATIONS
Point-to-point and point-to-multipoint radio
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Tb = 25
°C, 50 ohm, VD1=7V, VD2=10V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
4.9
5.3
GHz
P1dB
Output Power at 1dB Gain Compression
34.5
35.5
dBm
G1dB
Gain @1dB gain compression
27
30
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 23.5dBm
-45
dBc
Input RL
Input Return Loss
-12
-10
dB
Output RL
Output Return Loss
-15
-10
dB
VD1
Drain Supply Voltage 1
7
9
V
VD2
Drain Supply Voltage 2
10
V
IDQ1
Quiescent Drain Current 1
800
mA
IDQ2
Quiescent Drain Current 2
1100
mA
Vgg
Gate Supply Voltage
-5
V
Rth
Thermal Resistance
4.2
oC/W
∆Tch
Channel Temperature Rise
80
ºC
Note: Turn on/off sequence is required: ---to turn on: apply -5V on both Vgg first, then +7V and +10V.
---to turn off: turn +7V and +10V off first, then turn -5V off
EIM4953-4


Similar Part No. - EIM4953-4

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIM4450-4 EXCELICS-EIM4450-4 Datasheet
160Kb / 4P
   4.4-5.0 GHz Multi-Stage Power Amplifier
EIM4853-5 EXCELICS-EIM4853-5 Datasheet
227Kb / 3P
   4.8-5.3 GHz Multi-Stage Power Amplifier
More results

Similar Description - EIM4953-4

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIM4853-5 EXCELICS-EIM4853-5 Datasheet
227Kb / 3P
   4.8-5.3 GHz Multi-Stage Power Amplifier
EIM7678-5 EXCELICS-EIM7678-5 Datasheet
105Kb / 4P
   7.6- 7.8 GHz Multi-Stage Power Amplifier
EIM6775-5 EXCELICS-EIM6775-5 Datasheet
108Kb / 3P
   6.7 - 7.5 GHz Multi-Stage Power Amplifier
EIM8596-4 EXCELICS-EIM8596-4 Datasheet
121Kb / 4P
   8.5-9.6 GHz Multi-Stage Power Amplifier
EIM5972-4 EXCELICS-EIM5972-4 Datasheet
161Kb / 4P
   5.9 -7.2 GHz Multi-Stage Power Amplifier
EIM5259-4 EXCELICS-EIM5259-4 Datasheet
141Kb / 3P
   5.2-5.9 GHz Multi-Stage Power Amplifier
EIM5864-4 EXCELICS-EIM5864-4 Datasheet
184Kb / 3P
   5.8 -6.4 GHz Multi-Stage Power Amplifier
EIM6775-4 EXCELICS-EIM6775-4 Datasheet
180Kb / 3P
   6.7 - 7.5 GHz Multi-Stage Power Amplifier
EIM6472-4 EXCELICS-EIM6472-4 Datasheet
163Kb / 4P
   6.4-7.2 GHz Multi-Stage Power Amplifier
EIM7179-4 EXCELICS-EIM7179-4 Datasheet
143Kb / 3P
   7.1 - 7.9 GHz Multi-Stage Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com