Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N753 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 1N753
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N753 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  1N753 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N753 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 13/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N746...1N759
Zener Voltage Range
1)
Maximum Zener
Impedance
Maximum Reverse Leakage Current
2)
IR at VR = 1 V
Ta = 25 OC
Ta = 150 OC
Type
Vznom
(V)
lZT (mA)
ZZT (Ω) at IZT
IR (µA)
IR (µA)
Maximum
Regulator
Current
IZM (mA)
1N746
3.3
20
28
10
30
110
1N747
3.6
20
24
10
30
100
1N748
3.9
20
23
10
30
95
1N749
4.3
20
22
2
30
85
1N750
4.7
20
19
2
30
75
1N751
5.1
20
17
1
20
70
1N752
5.6
20
11
1
20
65
1N753
6.2
20
7
0.1
20
60
1N754
6.8
20
5
0.1
20
55
1N755
7.5
20
6
0.1
20
50
1N756
8.2
20
8
0.1
20
45
1N757
9.1
20
10
0.1
20
40
1N758
10
20
17
0.1
20
35
1N759
12
20
30
0.1
20
30
1) Tested with pulses tp = 20 ms
2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
400
500
200
Power Derating Curve


Similar Part No. - 1N753

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N753 JGD-1N753 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Digitron Semiconductors
1N753 DIGITRON-1N753 Datasheet
523Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Shanghai Lunsure Electr...
1N753 CHENYI-1N753 Datasheet
33Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
1N753 GOOD-ARK-1N753 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N753 MCC-1N753 Datasheet
347Kb / 2P
   0.5W Silicon Planar Zener Diodes
More results

Similar Description - 1N753

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com