Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT55C36 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # BZT55C36
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZT55C36 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  BZT55C36 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZT55C36 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZT55C36 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZT55C36 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. BZT55C36 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dated : 12/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZT55 Series
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Temp Coefficient
of Zener Voltage
lZT for
VZT
rzjT
rzjK at IZK
Ta = 25 OCTa = 150 OC
IR at VR
TKvz
Type
mA
V
mA
µA
µA
V
%/K
BZT55B2V4
5
2.35…2.45
< 85
< 600
1
< 50
< 100
1
-0.09...-0.06
BZT55B2V7
5
2.64…2.76
< 85
< 600
1
< 10
< 50
1
-0.09...-0.06
BZT55B3V0
5
2.94…3.06
< 90
< 600
1
< 4
< 40
1
-0.08...-0.05
BZT55B3V3
5
3.24…3.36
< 90
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT55B3V6
5
3.52…3.68
< 90
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT55B3V9
5
3.82…3.98
< 90
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT55B4V3
5
4.22…4.38
< 90
< 600
1
< 1
< 20
1
-0.06...-0.03
BZT55B4V7
5
4.6…4.8
< 80
< 600
1
< 0.5
< 10
1
-0.05...0.02
BZT55B5V1
5
5.0…5.2
< 60
< 550
1
< 0.1
< 2
1
-0.02...0.02
BZT55B5V6
5
5.48…5.72
< 40
< 450
1
< 0.1
< 2
1
-0.05...+0.05
BZT55B6V2
5
6.08…6.32
< 10
< 200
1
< 0.1
< 2
2
0.03...0.06
BZT55B6V8
5
6.66…6.94
< 8
< 150
1
< 0.1
< 2
3
0.03...0.07
BZT55B7V5
5
7.35…7.65
< 7
< 50
1
< 0.1
< 2
5
0.03...0.07
BZT55B8V2
5
8.04…8.36
< 7
< 50
1
< 0.1
< 2
6.2
0.03...0.08
BZT55B9V1
2)
5
8.92…9.28
< 10
< 50
1
< 0.1
< 2
6.8
0.03...0.09
BZT55B10
2)
5
9.8…10.2
< 15
< 70
1
< 0.1
< 2
7.5
0.03...0.10
BZT55B11
2)
5
10.78…11.22
< 20
< 70
1
< 0.1
< 2
8.2
0.03...0.11
BZT55B12
2)
5
11.76…12.24
< 20
< 90
1
< 0.1
< 2
9.1
0.03...0.11
BZT55B13
2)
5
12.74…13.26
< 26
< 110
1
< 0.1
< 2
10
0.03...0.11
BZT55B15
2)
5
14.7…15.3
< 30
< 110
1
< 0.1
< 2
11
0.03...0.11
BZT55B16
2)
5
15.7…16.3
< 40
< 170
1
< 0.1
< 2
12
0.03...0.11
BZT55B18
2)
5
17.64…18.36
< 50
< 170
1
< 0.1
< 2
13
0.03...0.11
BZT55B20
2)
5
19.6…20.4
< 55
< 220
1
< 0.1
< 2
15
0.03...0.11
BZT55B22
2)
5
21.55…22.45
< 55
< 220
1
< 0.1
< 2
16
0.04...0.12
BZT55B24
2)
5
23.5…24.5
< 80
< 220
1
< 0.1
< 2
18
0.04...0.12
BZT55B27
2)
5
26.4…27.6
< 80
< 220
1
< 0.1
< 2
20
0.04...0.12
BZT55B30
2)
5
29.4…30.6
< 80
< 220
1
< 0.1
< 2
22
0.04...0.12
BZT55B33
2)
5
32.4…33.6
< 80
< 220
1
< 0.1
< 2
24
0.04...0.12
BZT55B36
2)
5
35.3…36.7
< 80
< 220
1
< 0.1
< 2
27
0.04...0.12
BZT55B39
2)
2.5
38.2…39.8
< 90
< 500
0.5
< 0.1
< 5
30
0.04...0.12
BZT55B43
2)
2.5
42.1…43.9
< 90
< 600
0.5
< 0.1
< 5
33
0.04...0.12
BZT55B47
2)
2.5
46.1…47.9
< 110
< 700
0.5
< 0.1
< 5
36
0.04...0.12
BZT55B51
2)
2.5
50…52
< 125
< 700
0.5
< 0.1
< 10
39
0.04...0.12
BZT55B56
2)
2.5
54.9…57.1
< 135
< 1000
0.5
< 0.1
< 10
43
0.04...0.12
BZT55B62
2)
2.5
60.8…63.2
< 150
< 1000
0.5
< 0.1
< 10
47
0.04...0.12
BZT55B68
2)
2.5
66.6…69.4
< 200
< 1000
0.5
< 0.1
< 10
51
0.04...0.12
BZT55B75
2)
2.5
73.5…76.5
< 250
< 1500
0.5
< 0.1
< 10
56
0.04...0.12
1) Tested with pulses tp = 20 ms.
2) Additional measurement of Voltage group 9V1 to 75 at 95% Vzmin ≤ 35 nA


Similar Part No. - BZT55C36

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C36 TEMIC-BZT55C36 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C36 VISHAY-BZT55C36 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZT55C36 TSC-BZT55C36 Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C36 VISHAY-BZT55C36 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
Taiwan Semiconductor Co...
BZT55C36 TSC-BZT55C36 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - BZT55C36

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com