Selected language     English  ▼


SM7785-43A Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part No. SM7785-43A
Description  7.725-8.500 GHz Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

   
 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM7785-43A
7.725-8.500 GHz
Linear Power Amplifier
FOR TWT APPLICATIONS
DIMENSIONS IN INCHES
Pin
Description
Values
RF IN
Input Connector (Female N-Type)
---
RF OUT
Output Connector (Female N-Type)
---
+12VDC
DC Input Voltage (15 pin D-Sub Conn.)
+ 12 Volts @ 9.5 Amps (typ.)
Specifications subject to change without notice.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM7785-417.725-8.500 GHz 12 Watt Linear Power Amplifier 1 2 Stealth Microwave, Inc.
MAAP-008015Linear Power Amplifier 2.4 - 2.5 GHz 802.11b/g 1 2 3 4 5 MoreTyco Electronics
SKY650063.3 V 2.5 GHz Linear Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.
CHV2710-QJ_06102.5 GHz InGaP HBT 5W Linear Power Amplifier 1 2 3 4 5 MoreMimix Broadband
FMPA21512.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module 1 2 3 4 Fairchild Semiconductor
AM55-0004_1250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz 1 2 3 4 5 MoreTyco Electronics
XP1035-QH5.9-9.5 GHz Linear Power Amplifier QFN 4x4mm 1 2 3 4 5 MoreMimix Broadband
SM7177-43A7.125-7.725 GHz Linear Power Amplifier 1 2 Stealth Microwave, Inc.
CHV2710-QJ_072.5 GHz InGaP HBT 5W Linear Power Amplifier 1 2 3 4 5 MoreMimix Broadband
SKY65028-70LF450 MHz-2.5 GHz Linear Power Amplifier Driver 1 2 3 4 5 MoreSkyworks Solutions Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl