Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS195N Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS195N
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS195N Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75ALS195N Datasheet HTML 4Page - Texas Instruments SN75ALS195N Datasheet HTML 5Page - Texas Instruments SN75ALS195N Datasheet HTML 6Page - Texas Instruments SN75ALS195N Datasheet HTML 7Page - Texas Instruments SN75ALS195N Datasheet HTML 8Page - Texas Instruments SN75ALS195N Datasheet HTML 9Page - Texas Instruments SN75ALS195N Datasheet HTML 10Page - Texas Instruments SN75ALS195N Datasheet HTML 11Page - Texas Instruments SN75ALS195N Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SN55ALS195, SN75ALS195
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS010D – JUNE 1986 – REVISED MAY 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
0
02
4
30
40
50
68
10
20
Enabled
VID = – 200 mV
VIC = 0
IO = 0
TA = 25°C
Disabled
5
15
25
35
45
13
5
7
Figure 15
Figure 16
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
15
10
5
0
– 75
– 50
– 25
0
25
50
20
25
30
75
100
125
VID = – 200 mV
Outputs Enabled
IO = 0
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 17
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
VID – Differential Input Voltage – mV
15
10
5
0
– 200
– 100
0
20
25
30
100
200
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
IO = 0
Outputs Enabled
VIC = 0
TA = 25°C
Figure 18
30
5
20
0
40
25
10 k
100 k
1 M
10 M
100 M
35
10
15
VCC = 5 V
VI = ± 1.5-V Square Wave
CL = 15 pF
Four Channels Driven
TA = 25°C
SUPPLY CURRENT
vs
FREQUENCY
f – Frequency – Hz
† Data for temperatures below 0
°C and above 70°C, and below 4.75 V and above 5.25 V, are applicable to SN55ALS195 circuits only.


Similar Part No. - SN75ALS195N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS195N TI1-SN75ALS195N Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75ALS195N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com