Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT55B12 Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # BZT55B12
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZT55B12 Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  BZT55B12 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZT55B12 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZT55B12 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZT55B12 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. BZT55B12 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dated : 12/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZT55 Series
Single Pulse
i ZM=(-Vz+(Vz +4rzj x T/Zthp) )/(2rzj)
100
1
10
tp/T=0.2
0.1
1
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp - Pulse Length, ms
10
tp/T=0.1
1000
50
10
20
30
40
0
0
tp/T=0.5
Vz - Z-Voltage, V
20
15
25
Thermal Response
35
30
Z-Current vs. Z-Voltage
Ptot=500mW
Ta=25 C
Vz - Z-Voltage, V
0
4
12
8
20
16
100
RthJA=300K/W
T=Tjmax - Tamb
2
1/2
15
Vz - Z-Voltage, V
5
0
1
10
20
100
60
40
20
80
Z-Current vs. Z-Voltage
Ptot=500mW
Ta=25 C
Differential Z-Resistance vs. Z-Voltage
Iz=1mA
5mA
10mA
100
10
1000
Tj=25 C


Similar Part No. - BZT55B12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B12 TSC-BZT55B12 Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55B12 VISHAY-BZT55B12 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
Taiwan Semiconductor Co...
BZT55B12 TSC-BZT55B12 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT55B12 VISHAY-BZT55B12 Datasheet
119Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
BZT55B12 VISHAY-BZT55B12 Datasheet
117Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
More results

Similar Description - BZT55B12

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com