Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX2.5C7V5 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # BZX2.5C7V5
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX2.5C7V5 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  BZX2.5C7V5 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX2.5C7V5 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZX2.5C7V5 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 12/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZX2.5C
C8V2
10
0
0
30
20
510
15
20
25
Breakdown characteristics
at Tj=constant (pulsed)
2
Breakdown characteristics
at Tj=constant (pulsed)
Iz
50
40
mA
60
0
0
40
80
1
Iz
120
160
200
240
mA
C15
34
5
C22
C18
C27
7
68
C6V8
C5V1
C39
C47
40
Vz
35
30
45
50V
C10
12
C33
910
Vz
11
Tj=25 C
o
14
13
C12
15V
Tj=25 C
o
BZX 2.5C / 5V1~ 47V
BZX 2.5C / 5V1~ 47V


Similar Part No. - BZX2.5C7V5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX20 ETC1-BZX20 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX20 DIOTECH-BZX20 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
logo
List of Unclassifed Man...
BZX22 ETC1-BZX22 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX22 DIOTECH-BZX22 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
logo
List of Unclassifed Man...
BZX24 ETC1-BZX24 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
More results

Similar Description - BZX2.5C7V5

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com