Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMA110 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EMA110
Description  0.5 - 3.0 GHz High Linearity Power MMIC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMA110 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EMA110 Datasheet HTML 1Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMA110
UPDATED 11/11/2004
0.5 – 3.0 GHz High Linearity Power MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2004
Dimension: 760um X 700um
FEATURES
0.5 – 3.0 GHz BANDWIDTH
27.0dBm TYPICAL OUTPUT POWER
-45dBc OIMD3 @ 17dBm EACH TONE Pout
11.0 dB TYPICAL POWER GAIN
SINGLE BIAS SUPPLY
100% DC TESTED
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device.
SYMBOL
PARAMETER/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
0.5
3.0
GHz
P1dB
Power at 1dB Compression
VDD = 8.0V, F = 2.4G
26.0
27.0
dBm
Gss
Small Signal Gain
VDD = 8.0V, F = 2.4G
10.0
11.0
dB
IMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 16dBm
VDD = 8.0V, F = 2.4G
-45
-42
dBc
RLIN
Input Return Loss
VDD = 8.0V
-12
-8
dB
RLOUT
Output Return Loss
VDD = 8.0V
-12
-8
dB
IDD
Drain Current
170
240
270
mA
RTH
Thermal Resistance
1
35
oC/W
Note: 1. Overall Rth depends on die attach.
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION
1,2
SYMBOL
CHARACTERISTIC
VALUE
VDD
Power Supply Voltage
8 V
VGG
Gate Voltage
-3 V
IDD
Drain Current
IDSS
IGSF
Forward Gate Current
10 mA
PIN
Input Power
@ 3dB compression
PT
Total Power Dissipation
2.8 W
TCH
Channel Temperature
150°C
TSTG
Storage Temperature
-65/+150°C
Notes: 1. Operating the device beyond any of the above ratings may result in permanent damage or reduction of MTTF.
2. Bias conditions must also satisfy the following equation PT < (TCH –THS)/RTH; where THS = temperature of heatsink,
and PT = (VDD * IDD) – (POUT – PIN).


Similar Part No. - EMA110

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMA110-130F EXCELICS-EMA110-130F Datasheet
90Kb / 1P
   0.5 - 3.0 GHz High Linearity Power MMIC
More results

Similar Description - EMA110

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMA109 EXCELICS-EMA109 Datasheet
106Kb / 3P
   0.5 - 3.0 GHz High Linearity Power MMIC
EMA110-130F EXCELICS-EMA110-130F Datasheet
90Kb / 1P
   0.5 - 3.0 GHz High Linearity Power MMIC
EMA112-CP083 EXCELICS-EMA112-CP083 Datasheet
90Kb / 2P
   0.5 - 3.0 GHz High Linearity Power MMIC
logo
BeRex Corporation
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
   0.5 ??1.5 GHz High Linearity LNA
logo
WOLFSPEED, INC.
CMPA0530002S WOLFSPEED-CMPA0530002S Datasheet
2Mb / 20P
   2 W, 0.5 - 3.0 GHz, 28 V, GaN MMIC
Rev. 1.3, 2022-12-8
logo
BeRex Corporation
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
   GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
logo
Tyco Electronics
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Advanced Semiconductor ...
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
   High Linearity LNA MMIC
January 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com