Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ9V1B Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MTZJ9V1B
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MTZJ9V1B Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MTZJ9V1B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MTZJ9V1B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MTZJ9V1B Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MTZJ9V1B Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 25/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MTZJ Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ (V)
ZZ (Ω)
ZZK (Ω)
IR (µA)
Type
Min.
Max.
IZ (mA)
Max.
IZ (mA)
Max.
IZ (mA)
Max.
VR (V)
MTZJ2V0A
1.88
2.1
MTZJ2V0B
2.02
2.2
5
100
5
1000
0.5
120
0.5
MTZJ2V2A
2.12
2.3
MTZJ2V2B
2.22
2.41
5
100
5
1000
0.5
120
0.7
MTZJ2V4A
2.33
2.52
MTZJ2V4B
2.43
2.63
5
100
5
1000
0.5
120
1
MTZJ2V7A
2.54
2.75
MTZJ2V7B
2.69
2.91
5
110
5
1000
0.5
100
1
MTZJ3V0A
2.85
3.07
MTZJ3V0B
3.01
3.22
5
120
5
1000
0.5
50
1
MTZJ3V3A
3.16
3.38
MTZJ3V3B
3.32
3.53
5
120
5
1000
0.5
20
1
MTZJ3V6A
3.455
3.695
MTZJ3V6B
3.6
3.845
5
100
5
1000
1
10
1
MTZJ3V9A
3.74
4.01
MTZJ3V9B
3.89
4.16
5
100
5
1000
1
5
1
MTZJ4V3A
4.04
4.29
MTZJ4V3B
4.17
4.43
MTZJ4V3C
4.3
4.57
5
100
5
1000
1
5
1
MTZJ4V7A
4.44
4.68
MTZJ4V7B
4.55
4.8
MTZJ4V7C
4.68
4.93
5
80
5
900
0.5
5
1
MTZJ5V1A
4.81
5.07
MTZJ5V1B
4.94
5.2
MTZJ5V1C
5.09
5.37
5
70
5
1200
0.5
5
1.5
MTZJ5V6A
5.28
5.55
MTZJ5V6B
5.45
5.73
MTZJ5V6C
5.61
5.91
5
40
5
900
0.5
5
2.5
MTZJ6V2A
5.78
6.09
MTZJ6V2B
5.96
6.27
MTZJ6V2C
6.12
6.44
5
30
5
500
0.5
5
3
MTZJ6V8A
6.29
6.63
MTZJ6V8B
6.49
6.83
MTZJ6V8C
6.66
7.01
5
20
5
150
0.5
2
3.5
MTZJ7V5A
6.85
7.22
MTZJ7V5B
7.07
7.45
MTZJ7V5C
7.29
7.67
5
20
5
120
0.5
0.5
4
MTZJ8V2A
7.53
7.92
MTZJ8V2B
7.78
8.19
MTZJ8V2C
8.03
8.45
5
20
5
120
0.5
0.5
5
MTZJ9V1A
8.29
8.73
MTZJ9V1B
8.57
9.01
MTZJ9V1C
8.83
9.3
5
20
5
120
0.5
0.5
6
MTZJ10A
9.12
9.59
MTZJ10B
9.41
9.9
MTZJ10C
9.7
10.2
MTZJ10D
9.94
10.44
5
20
5
120
0.5
0.2
7


Similar Part No. - MTZJ9V1B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ9V1 TSC-MTZJ9V1 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Yea Shin Technology Co....
MTZJ9V1 YEASHIN-MTZJ9V1 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ9V1 TSC-MTZJ9V1 Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ9V1S TSC-MTZJ9V1S Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
More results

Similar Description - MTZJ9V1B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com