Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79B150 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BZX79B150
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX79B150 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BZX79B150 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX79B150 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 21/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZX79B
Characteristics at Ta = 25 OC
Zener Voltage
1), 3)
Maximum Zener Impedance
2)
Maximum Leakage Current
Type
Min.
Max.
lZT (mA)
ZZT (Ω) at IZT
IR (µA)
at VR (V)
BZX79B2V7
2.64
2.76
5
100
75
1
BZX79B3V0
2.94
3.06
5
95
50
1
BZX79B3V3
3.23
3.37
5
95
25
1
BZX79B3V6
3.52
3.68
5
90
15
1
BZX79B3V9
3.82
3.98
5
90
10
1
BZX79B4V3
4.21
4.39
5
90
5
1
BZX79B4V7
4.6
4.8
5
80
3
2
BZX79B5V1
4.99
5.21
5
60
2
2
BZX79B5V6
5.48
5.72
5
40
1
2
BZX79B6V2
6.07
6.33
5
10
3
4
BZX79B6V8
6.66
6.94
5
15
2
4
BZX79B7V5
7.35
7.65
5
15
1
5
BZX79B8V2
8.03
8.37
5
15
0.7
5
BZX79B9V1
8.91
9.29
5
15
0.5
6
BZX79B10
9.8
10.2
5
20
0.2
7
BZX79B11
10.78
11.22
5
20
0.1
8
BZX79B12
11.76
12.24
5
25
0.1
8
BZX79B13
12.74
13.26
5
30
0.1
8
BZX79B15
14.7
15.3
5
30
0.05
10.5
BZX79B16
15.68
16.32
5
40
0.05
11.2
BZX79B18
17.64
18.36
5
45
0.05
12.6
BZX79B20
19.60
20.4
5
55
0.05
14
BZX79B22
21.56
22.44
5
55
0.05
15.4
BZX79B24
23.52
24.48
5
70
0.05
16.8
BZX79B27
26.46
27.54
2
80
0.05
18.9
BZX79B30
29.4
30.6
2
80
0.05
21
BZX79B33
32.34
33.66
2
80
0.05
23.1
BZX79B36
35.28
36.72
2
90
0.05
25.2
BZX79B39
38.22
39.78
2
130
0.05
27.3
BZX79B43
42.14
43.86
2
150
0.05
30.1
BZX79B47
46.06
47.94
2
170
0.05
32.9
BZX79B51
49.98
52.02
2
180
0.05
35.7
BZX79B56
54.88
57.12
2
200
0.05
39.2
BZX79B62
60.76
63.24
2
215
0.05
43.4
BZX79B68
66.64
69.36
2
240
0.05
47.6
BZX79B75
73.5
76.5
2
255
0.05
52.5
BZX79B82
80.36
83.64
2
280
0.1
62
BZX79B91
89.18
92.82
2
300
0.1
69
BZX79B100
98
102
1
500
0.1
76
BZX79B110
107.8
112.2
1
650
0.1
84
BZX79B120
117.6
122.4
1
800
0.1
91
BZX79B130
127.4
132.6
1
950
0.1
99
BZX79B150
147
153
1
1250
0.1
114
BZX79B160
156.8
163.2
1
1400
0.1
122
BZX79B180
176.4
183.6
1
1700
0.1
137
BZX79B200
196
204
1
2000
0.1
152
1) Zener voltage is measured under pulse conditions such that T
J is no more than 2
O
C above Ta
2) Z
ZT is measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ
(ac) = 0.1IZ (dc) with the ac frequency = 1 KHz
3) Tested with pulses tp = 20 ms.


Similar Part No. - BZX79B150

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX79B15 GE-BZX79B15 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79B15 EIC-BZX79B15 Datasheet
33Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79B15 TSC-BZX79B15 Datasheet
125Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
BZX79B15 TSC-BZX79B15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results

Similar Description - BZX79B150

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com