Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM09195-45LDL Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM09195-45LDL
Description  917-950 MHz 30 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM09195-45LDL Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM09195-45LDL Datasheet HTML 1Page - Stealth Microwave, Inc. SM09195-45LDL Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM09195-45LDL
917-950 MHz
30 Watt Linear Power Amplifier
FOR GSM APPLICATIONS
Parameter
Specification
Frequency Range
917 - 950 MHz
Pout (P1dB)
+ 45 dBm
Third Order Intercept
Point
+ 64 dBm
Linear Gain
50 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return Loss
-13 dB / -13dB
DC Supply Voltage
+ 24 Volts
DC Supply Current
5.0 Amperes
(Varies per
application)
Harmonic Filter
(Optional)
- 55 dBc
Mechanical Dimensions
With Heatsink
7.5 x 3.7 x 2.2 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet
above Sea Level
The SM08590-45LDL is a 917-950 MHz,
30
W
solid
state
LDMOS
amplifier
designed for the Cellular/GSM telephony
market. Its compact size and ultra high
linearity make it ideally suited for systems
using CDMA, TDMA, or high dynamic
range
multi-carrier
applications.
Our
proprietary pre-distortion technique enables
us to provide an output third order intercept
of +64 dBm. The linear gain is 50 dB with
only ± 0.5 dB of gain change over the full
temperature range of 0 to +55 º C.
The unit comes standard in modular form or
as a rack mountable amplifier.
Features
• Mis-Match Protected
• Built in linearizer increases the OIP3
by over 7 dB
• Temperature compensation
• Single Power Supply
• Over/reverse voltage protection
• Thermal protection with auto reset
Options
• Forward/reverse power detection
• Harmonic Filter
• Logic on/off control
• Heatsink available
Configurations
• Module
• 19” Rack


Similar Part No. - SM09195-45LDL

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM09195-45LD STEALTH_MICROWAVE-SM09195-45LD Datasheet
161Kb / 2P
   917-950 MHz 30 Watt Linear Power Amplifier
More results

Similar Description - SM09195-45LDL

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM09195-45LD STEALTH_MICROWAVE-SM09195-45LD Datasheet
161Kb / 2P
   917-950 MHz 30 Watt Linear Power Amplifier
SM09397-45LD STEALTH_MICROWAVE-SM09397-45LD Datasheet
152Kb / 2P
   930-970 MHz 30 Watt Linear Power Amplifier
SM08790-45LDL STEALTH_MICROWAVE-SM08790-45LDL Datasheet
160Kb / 2P
   869-896 MHz 30 Watt Linear Power Amplifier
SM09397-45LDL STEALTH_MICROWAVE-SM09397-45LDL Datasheet
161Kb / 2P
   930-970 MHz 30 Watt Linear Power Amplifier
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
   850-900 MHz 30 Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM0520-36 STEALTH_MICROWAVE-SM0520-36 Datasheet
93Kb / 3P
   500-2000 MHz 4 Watt Linear Power Amplifier
SM0825-33 STEALTH_MICROWAVE-SM0825-33 Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com